Electronic Components Datasheet Search
  English  ▼

X  

SLTS152 Datasheet(PDF) 1 Page - Texas Instruments

Part # SLTS152
Description  40-A Programmable Integrated
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLTS152 Datasheet(HTML) 1 Page - Texas Instruments

  SLTS152 Datasheet HTML 1Page - Texas Instruments SLTS152 Datasheet HTML 2Page - Texas Instruments SLTS152 Datasheet HTML 3Page - Texas Instruments SLTS152 Datasheet HTML 4Page - Texas Instruments SLTS152 Datasheet HTML 5Page - Texas Instruments SLTS152 Datasheet HTML 6Page - Texas Instruments SLTS152 Datasheet HTML 7Page - Texas Instruments SLTS152 Datasheet HTML 8Page - Texas Instruments SLTS152 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Standard Application
PT7761—5V
Description
The PT7761 is a high performance
integrated switching regulator (ISR),
housed in a solderable, 31-pin space-
saving copper package. Operating
from and input voltage of +5V, the
PT7761 provides up to 40A of low-
voltage power for the industry’s latest
DSPs, and µ-Processors.
The PT7761 performance extends
both the flexibility and output current
range of the “Big Hammer” series of
Plug-in Power modules, and provides
a state-of-the-art solution for highly
integrated digital systems that de-
Features
• Single Device: 40ADC
• +5V Input
• 5-bit Programmable:
1.3V to 3.5V
• 90% Efficiency
• Differential Remote Sense
• Short-Circuit Protection
• Space-Saving Package
Cin
= Required 1500µF electrolytic
Cout = Required 330µF electrolytic
Lin
= Optional 1µH input choke
Ordering Information
PT7761
o = 1.3 to 3.5V Regulator
* PT7769
o = 40-A Current Booster
* Consult application notes for information on
Current Booster operation
40-A Programmable Integrated
Switching Regulator Module
SLTS152
(Revised 10/24/2001)
PT7761
4321
3 1
23–30
15
6
16–22
7
9–14
L
O
A
D
C
OUT
+
C
IN
+
PROGRAMMING PINS
V
IN
V
OUT
SYNC OUT
GND
REMOTE SENSE(+)
REMOTE SENSE(–)
STBY*
VID0
VID1
VID2
VID3
L
IN
1
µH
GND
VID4
5
mand high power supply currents at
low output voltages.
The PT7761 is programmable from
1.3V to 3.5V via a 5-bit input, which
is compatible with Intel’s Pentium®
series microprocessors.
The PT7761’s features include a
momentary-interrupt style of short-
circuit protection, a standby control,
and a differential remote sense to
compensate for voltage drop between
the ISR and load. For additional
output current the PT7761 can
operate with up to three current
boosters.
• Solderable Copper Case
• “Current Booster” Compatible
• Shutdown Control
PT Series Suffix (PT1234 x )
Case/Pin
Order
Package
Configuration
Suffix
Code
Vertical
N
(EKH)
Horizontal
A
(EKF)
SMD
C
(EKG)
(Reference the applicable package code drawing for
the dimensions and PC board layout)


Similar Part No. - SLTS152

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLTS153B TI1-SLTS153B Datasheet
410Kb / 9P
1500 VDC Isolation
More results

Similar Description - SLTS152

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT8100 TI-PT8100 Datasheet
231Kb / 14P
40-A 3.3/5-V Input Programmable Integrated Switching Regulator
PT7711 TI-PT7711 Datasheet
184Kb / 9P
20-A Programmable Integrated Switching Regulator
PT7712 TI-PT7712 Datasheet
165Kb / 8P
20-A Programmable Integrated Switching Regulator
PT7761-5V TI-PT7761-5V Datasheet
179Kb / 8P
40-A Programmable Integrated Switching Regulator Module
PT7671 TI1-PT7671 Datasheet
193Kb / 9P
30-A Programmable Integrated Switching Regulator
PT7673 TI1-PT7673 Datasheet
187Kb / 9P
30-A 5-Bit Programmable Integrated Switching Regulator
PT7713 TI1-PT7713 Datasheet
189Kb / 9P
20-A Programmable Integrated Switching Regulator
PT8139 TI1-PT8139 Datasheet
190Kb / 9P
30-A Programmable Integrated Switching Regulator
logo
Vishay Siliconix
SIC546 VISHAY-SIC546 Datasheet
197Kb / 6P
40 A VRPower® Integrated Power Stage
08-Mar-2021
SIC544 VISHAY-SIC544 Datasheet
196Kb / 6P
40 A VRPower® Integrated Power Stage
14-Jun-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com