Electronic Components Datasheet Search
  English  ▼

X  

NTCD128 Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # NTCD128
Description  Managed Industrial Ethernet Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

NTCD128 Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  NTCD128 Datasheet HTML 1Page - Red Lion Controls. Inc NTCD128 Datasheet HTML 2Page - Red Lion Controls. Inc NTCD128 Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
7012FX2 Industrial Ethernet Switch
N-Tron Networking Series
Managed Industrial Ethernet Switch
PRODUCT FEATURES
• Eight 10/100BaseTX RJ-45 ports
• Two 100BaseFX ports, ST or SC style
• Two SFP gigabit ports
• -40oC to 70oC operating temperature
• Onboard temperature sensor
• ESD and surge protection diodes on all ports
• Auto-sensing 10/100BaseTX, duplex, and MDIX
• Store-and-Forward technology
• Rugged DIN-rail enclosure
• Redundant power inputs (10-49VDC)
FULLY MANAGED FEATURES
• SNMP v1, v2, v3 and web browser management
• Conguration backup via optional SD card
• Detailed ring map and fault location charting
• N-Ring™ technology with ~30ms healing
• N-Link™ redundant N-Ring coupling
• N-View™ OPC monitoring
• RSTP - IEEE 802.1D
• IGMP auto-conguration
• 802.1Q tag VLAN and port VLAN
• 802.1p QoS, port QoS, and DSCP
• EtherNet/IP™ CIP messaging
• LLDP (Link Layer Discovery Protocol)
• Trunking and port mirroring
• 802.1d, 802.1w, 802.1D RSTP
• DHCP server, option 82 relay, option 61, IP fallback
• Local port IP addressing
• Port security—MAC address-based
THE INDUSTRIAL NETWORK COMPANY
7012FX2
7000 SERIES
Fully-Managed Switch
BUILT FOR EXTREME CONDITIONS
The compact N-TRON® 7012FX2 fully-managed industrial Ethernet switch is ideal
for industrial and utility applications that demand extreme performance under harsh
conditions. Housed in a rugged industrial metal enclosure, the switch offers a powerful
combination of eight 10/100BaseTX copper ports, two 100Base ber ports, two SFP
gigabit ports, and redundant power inputs for robust network support.The device boasts
exceptional MTBF and extended tolerances to shock, vibration, temperature uctuations
and noise—common elements in factory oor control networks, utilities, wastewater
treatment, wind turbines, rail car, intelligent trafc control and transportation applications.
ADVANCED RING TECHNOLOGY
Advanced N-Ring technology provides expanded capacity, detailed fault diagnostics,
and fast ~30ms healing time for N-TRON-based rings. The integrity of the ring is
continually checked by sending heart beat packets around the network. If an error is
detected, the ring converts to a linear topology within ~30ms and communication is
immediately restored.Adetailed ring map and fault location chart may be accessed by
the ring manager's web browser or the OPC server. Each N-Ring accommodates up
to 250 fully-managed N-TRON switches. To establish redundancy, N-Link technology
easily connects multiple N-Rings, creating additional pathways to critical applications
and increasing overall resiliency.
MONITORING OPTIONS
N-TRON provides multiple tools to monitor the 7012FX2. The robust web-based
interface provides a convenient dashboard to view and congure switch options, as
well as monitor network trafc, alarms, and trend information. For tightly controlled
environments, N-View OPC server software easily combines with HMI control and
monitoring applications to form a complete surveillance solution for N-View-enabled
switches. The iSNMP Software Suite is also available for link and status monitoring.
For local monitoring, each switch features congurable LEDs to indicate power failure
and N-Ring status.
EASY TO USE
The 7012FX2 features auto-sensing and auto-conguring 10/100BaseTX ports. Each
copper port automatically negotiates for maximum speed and performance but can
be hardcoded through the user interface. A high-speed processor allows wire speed
capability on all ports simultaneously.
www.n-tron.com
RUGGED • RELIABLE • AFFORDABLE
PRODUCT FEATURES
• Eight 10/100BaseTX RJ-45 ports
• Two 100BaseFX ports, ST or SC style
• Two SFP gigabit ports
• -40oC to 70oC operating temperature
• Onboard temperature sensor
• ESD and surge protection diodes on all ports
• Auto-sensing 10/100BaseTX, duplex, and MDIX
• Store-and-Forward technology
• Rugged DIN-rail enclosure
• Redundant power inputs (10-49VDC)
FULLY MANAGED FEATURES
• SNMP v1, v2, v3 and web browser management
• Conguration backup via optional SD card
• Detailed ring map and fault location charting
• N-Ring™ technology with ~30ms healing
• N-Link™ redundant N-Ring coupling
• N-View™ OPC monitoring
• RSTP - IEEE 802.1D
• IGMP auto-conguration
• 802.1Q tag VLAN and port VLAN
• 802.1p QoS, port QoS, and DSCP
• EtherNet/IP™ CIP messaging
• LLDP (Link Layer Discovery Protocol)
• Trunking and port mirroring
• 802.1d, 802.1w, 802.1D RSTP
• DHCP server, option 82 relay, option 61, IP fallback
• Local port IP addressing
• Port security—MAC address-based
THE INDUSTRIAL NETWORK COMPANY
7012FX2
7000 SERIES
Fully-Managed Switch
BUILT FOR EXTREME CONDITIONS
The compact N-TRON® 7012FX2 fully-managed industrial Ethernet switch is ideal
for industrial and utility applications that demand extreme performance under harsh
conditions. Housed in a rugged industrial metal enclosure, the switch offers a powerful
combination of eight 10/100BaseTX copper ports, two 100Base ber ports, two SFP
gigabit ports, and redundant power inputs for robust network support.The device boasts
exceptional MTBF and extended tolerances to shock, vibration, temperature uctuations
and noise—common elements in factory oor control networks, utilities, wastewater
treatment, wind turbines, rail car, intelligent trafc control and transportation applications.
ADVANCED RING TECHNOLOGY
Advanced N-Ring technology provides expanded capacity, detailed fault diagnostics,
and fast ~30ms healing time for N-TRON-based rings. The integrity of the ring is
continually checked by sending heart beat packets around the network. If an error is
detected, the ring converts to a linear topology within ~30ms and communication is
immediately restored.Adetailed ring map and fault location chart may be accessed by
the ring manager's web browser or the OPC server. Each N-Ring accommodates up
to 250 fully-managed N-TRON switches. To establish redundancy, N-Link technology
easily connects multiple N-Rings, creating additional pathways to critical applications
and increasing overall resiliency.
MONITORING OPTIONS
N-TRON provides multiple tools to monitor the 7012FX2. The robust web-based
interface provides a convenient dashboard to view and congure switch options, as
well as monitor network trafc, alarms, and trend information. For tightly controlled
environments, N-View OPC server software easily combines with HMI control and
monitoring applications to form a complete surveillance solution for N-View-enabled
switches. The iSNMP Software Suite is also available for link and status monitoring.
For local monitoring, each switch features congurable LEDs to indicate power failure
and N-Ring status.
EASY TO USE
The 7012FX2 features auto-sensing and auto-conguring 10/100BaseTX ports. Each
copper port automatically negotiates for maximum speed and performance but can
be hardcoded through the user interface. A high-speed processor allows wire speed
capability on all ports simultaneously.
www.n-tron.com
RUGGED • RELIABLE • AFFORDABLE


Similar Part No. - NTCD128

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
NTCD128 REDLION-NTCD128 Datasheet
804Kb / 3P
Managed Industrial Ethernet Switch
More results

Similar Description - NTCD128

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
7506GX2 REDLION-7506GX2 Datasheet
596Kb / 3P
Managed Industrial Ethernet Switch
7018TX REDLION-7018TX Datasheet
828Kb / 3P
Managed Industrial Ethernet Switch
7010TX REDLION-7010TX Datasheet
804Kb / 3P
Managed Industrial Ethernet Switch
716FX2 REDLION-716FX2 Datasheet
607Kb / 3P
Managed Industrial Ethernet Switch
714FX6 REDLION-714FX6 Datasheet
426Kb / 3P
Managed Industrial Ethernet Switch
712FX4 REDLION-712FX4 Datasheet
467Kb / 3P
Managed Industrial Ethernet Switch
710FX2 REDLION-710FX2 Datasheet
400Kb / 3P
Managed Industrial Ethernet Switch
709FX-HV REDLION-709FX-HV Datasheet
352Kb / 3P
Managed Industrial Ethernet Switch
709FX REDLION-709FX Datasheet
401Kb / 3P
Managed Industrial Ethernet Switch
708FX2 REDLION-708FX2 Datasheet
817Kb / 3P
Managed Industrial Ethernet Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com