Electronic Components Datasheet Search
  English  ▼

X  

NTCD128 Datasheet(PDF) 3 Page - Red Lion Controls. Inc

Part # NTCD128
Description  Managed Industrial Ethernet Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

NTCD128 Datasheet(HTML) 3 Page - Red Lion Controls. Inc

  NTCD128 Datasheet HTML 1Page - Red Lion Controls. Inc NTCD128 Datasheet HTML 2Page - Red Lion Controls. Inc NTCD128 Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
7012FX2 Specifications
N-TRON USA • Corporate Headquarters
N-TRON Asia
N-TRON Europe GmbH
820 S. University Blvd • Suite 4E
Suite #: 2267, 22/F • One Lujiazui
Alte Steinhauserstr 19
Mobile, AL 36609 • USA
68 Yin Cheng Road Center
6330 Cham / Zg • Switzerland
TEL 251.342.2164
Pudong New Area
TEL +41 41.7406636
FAX 251.342.6353
200120 Shanghai, PR • China
FAX +41 41.7406637
TEL +86 0.21.6194.6777
FAX +86 0.21.6194.6699
7012FX2
ORDERING INFORMATION
PART NUMBER
DESCRIPTION
7012FX2-XX........................................................... 12-port (8 10/100BaseTX, 2 100BaseFX Fiber, and 2 SFP Mini-GBIC Gigabit Fiber Expansion Ports) switch
7012FXE2-XX-YY................................................... 12-port (8 10/100BaseTX, 2 100BaseFX Fiber, and 2 SFP Mini-GBIC Gigabit Fiber Expansion Ports) switch
NTSFP-TX.............................................................. Optional SFP (mini-GBIC) transceiver with one 1000BaseT GB copper port
NTSFP-SX.............................................................. Optional SFP (mini-GBIC) transceiver with one 1000BaseSX multimode GB ber optic port
NTSFP-LX-ZZ......................................................... Optional SFP (mini-GBIC) transceiver with one 1000BaseLX singlemode GB ber optic port
NTCD128................................................................ Optional conguration card for backup/restore
NTPS-24-1.3........................................................... N-TRON DIN-rail power supply (1.3 amp@24VDC)
CPMA-2.................................................................. Compact panel mount (factory installed option)
URMK..................................................................... Universal rack mount kit
Where:
XX = ST or SC connector
YY = 15, 40, or 80 for singlemode, blank for multimode
ZZ = 10, 40, or 80 for GB singlemode (If SFP transceiver is not specified at the time of purchase, slots will remain blank with covers)
E = Singlemode
® 2010 N-TRON, Corp. N-TRON and the N-TRON logo are trademarks of N-TRON, Corp. Product names mentioned herein are for identication purposes only and may be trademarks
and/or registered trademarks of their respective company. Specications subject to change without notice. The responsibility for the use and application of N-TRON products rests with
the end user. N-TRON makes no warranties as to the tness or suitability of any N-TRON product for any specic application. N-TRON Corporation shall not be liable for any damage
resulting from the installation, use, or misuse of this product. Printed in USA. Specications subject to change without notice. Printed in USA. REV 101012
please visit us worldwide at www.n-tron.com
w w w .r edlion.net
Connect. Monitor. Control.
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
ADLD0270 080116 © 2016 Red Lion Controls, Inc. All rights reserved. Red Lion, the Red Lion logo, N-Tron and Sixnet are
registered trademarks of Red Lion Controls, Inc. All other company and product names are trademarks of their respective owners.
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our automation, Ethernet and
cellular M2M technology enables companies worldwide to gain real-time
data visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the company
has offices across the Americas, Asia-Pacific and Europe. Red Lion is
part of Spectris plc, the productivity-enhancing instrumentation and
controls company. For more information, please visit www.redlion.net.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com