Electronic Components Datasheet Search
  English  ▼

X  

DMT3003LFG Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMT3003LFG
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMT3003LFG Datasheet(HTML) 6 Page - Diodes Incorporated

  DMT3003LFG Datasheet HTML 1Page - Diodes Incorporated DMT3003LFG Datasheet HTML 2Page - Diodes Incorporated DMT3003LFG Datasheet HTML 3Page - Diodes Incorporated DMT3003LFG Datasheet HTML 4Page - Diodes Incorporated DMT3003LFG Datasheet HTML 5Page - Diodes Incorporated DMT3003LFG Datasheet HTML 6Page - Diodes Incorporated DMT3003LFG Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DMT3003LFG
Document number: DS37819 Rev. 2 - 2
6 of 7
www.diodes.com
June 2016
© Diodes Incorporated
DMT3003LFG
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
PowerDI3333-8
PowerDI3333-8
Dim
Min
Max
Typ
A
0.75
0.85
0.80
A1
0.00
0.05
0.02
A3


0.203
b
0.27
0.37
0.32
b2


0.20
D
3.25
3.35
3.30
D2
2.22
2.32
2.27
E
3.25
3.35
3.30
E2
1.56
1.66
1.61
e


0.65
e1
0.79
0.89
0.84
L
0.35
0.45
0.40
L1


0.39
z


0.515
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
PowerDI3333-8
Dimensions Value (in mm)
C
0.650
X
0.420
X1
0.420
X2
0.230
X3
2.370
Y
0.700
Y1
1.850
Y2
2.250
Y3
3.700
e1
1
8
D
D2
E
e
b
E2
A
A3
Pin #1 ID
Seating Plane
L(4x)
A1
L1(3x)
b2(4x)
z(4x)
X3
Y3
X
Y
C
Y1
Y2
X1
X2
1
8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com