Electronic Components Datasheet Search
  English  ▼

X  

LM2901 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # LM2901
Description  DUAL AND QUAD DIFFERENTIAL COMPARATORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM2901 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button LM2901 Datasheet HTML 4Page - Diodes Incorporated LM2901 Datasheet HTML 5Page - Diodes Incorporated LM2901 Datasheet HTML 6Page - Diodes Incorporated LM2901 Datasheet HTML 7Page - Diodes Incorporated LM2901 Datasheet HTML 8Page - Diodes Incorporated LM2901 Datasheet HTML 9Page - Diodes Incorporated LM2901 Datasheet HTML 10Page - Diodes Incorporated LM2901 Datasheet HTML 11Page - Diodes Incorporated LM2901 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LM2901/ LM2901A/ LM2903/ LM2903A
Document number: DS36779 Rev. 3 - 2
8 of 18
www.diodes.com
May 2016
© Diodes Incorporated
LM2901/ LM2901A/ LM2903/ LM2903A
Application Information
General Information
The LM2901/2903 series comparators are high-gain, wide bandwidth devices. Like most comparators, the series can easily oscillate if the output
lead is inadvertently allowed to capacitive couple to the inputs via stray capacitance. This shows up only during the output voltage transition
intervals as the comparators change states. Standard PC board layout is helpful as it reduces stray input-output coupling. Reducing the input
resistors to <10k
Ω reduces the feedback signal levels. Finally, adding even a small amount (1.0 to 10 mV) of positive feedback (hysteresis) causes
such a rapid transition that oscillations, due to stray feedback, are not possible. Simply socketing the IC and attaching resistors to the pins will
cause input-output oscillations during the small transition intervals unless hysteresis is used. If the input signal is a pulse waveform, with relatively
fast rise and fall times, hysteresis is not required. All input pins of any unused comparators should be tied to the negative supply.
The bias network of the LM2901/2903 series comparators establishes a quiescent current independent of the magnitude of the power supply
voltage over the range of from 2.0VDC to 30VDC.
The differential input voltage may be larger than VCC without damaging the device. Protection should be provided to prevent the input voltages from
going negative more than -0.3VDC (@ +25°C). An input clamp diode can be used as shown in the applications section.
The output of the LM2901/2903 series comparators is the uncommitted collector of a grounded-emitter NPN output transistor. Many collectors can
be tied together to provide an output OR’ing function. An output pull-up resistor can be connected to any available power supply voltage within the
permitted supply voltage range and there is no restriction on this voltage due to the magnitude of the voltage applied to the VCC terminal of
LM2901/2903 series comparator package. The output can also be used as a simple SPST switch to ground (when a pull-up resistor is not used).
The amount of current the output device can sink is limited by the drive available (which is independent of VCC) and the β of this device. When the
maximum current limit is reached (approximately 16mA), the output transistor will come out of saturation and the output voltage will rise very
rapidly. The output saturation voltage is limited by the approximately 60
Ω RSAT of the output transistor. The low offset voltage of the output
transistor (1.0mV) allows the output to clamp essentially to ground level for small load currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com