Electronic Components Datasheet Search
  English  ▼

X  

LM2901 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # LM2901
Description  DUAL AND QUAD DIFFERENTIAL COMPARATORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM2901 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button LM2901 Datasheet HTML 6Page - Diodes Incorporated LM2901 Datasheet HTML 7Page - Diodes Incorporated LM2901 Datasheet HTML 8Page - Diodes Incorporated LM2901 Datasheet HTML 9Page - Diodes Incorporated LM2901 Datasheet HTML 10Page - Diodes Incorporated LM2901 Datasheet HTML 11Page - Diodes Incorporated LM2901 Datasheet HTML 12Page - Diodes Incorporated LM2901 Datasheet HTML 13Page - Diodes Incorporated LM2901 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LM2901/ LM2901A/ LM2903/ LM2903A
Document number: DS36779 Rev. 3 - 2
10 of 18
www.diodes.com
May 2016
© Diodes Incorporated
LM2901/ LM2901A/ LM2903/ LM2903A
Typical Application Circuit (VCC = 5.0VDC) (Continued)
+
-
V+
Vo
2K
Ω
100K
Ω
200K
Ω
200K
Ω
0.1uF
Crystal Controlled Oscillator
V+
0
CRYSTAL
f = 100KHz
Output Strobing
V+
6.2K
Ω
Vo
+
-
STROBE
INPUT
*Or logic gate without pull-up resistor
*
3K
Ω
OR Gate
V+
f
+
-
200K
Ω
1K
Ω
+0.075V
1K
Ω
100K
Ω
100K
Ω
100K
Ω
A
B
C
0
V+
“0”"1”
t1
t2
1M
Ω
R1
1M
Ω
R2
100K
Ω
80pF
+
-
V+
Vo
15K
Ω
1M
Ω
D2
1N914
Pulse Generator
V+
0
D1
1N914
1M
Ω
+15VDC
60us
6us
t0
* For large ratios of R1/R2, D1 can
be omitted.
3K
Ω
AND Gate
V+
f
+
-
39K
Ω
1K
Ω
+0.375V
1K
Ω
100K
Ω
100K
Ω
100K
Ω
A
B
C
0
V+
“0”"1”
D1
D4
D3
D2
3K
Ω
Large Fan-in AND Gate
V+
Vout
+
-
100K
Ω
100K
Ω
A
B
C
0
V+
“0”"1”
D
10K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com