Electronic Components Datasheet Search
  English  ▼

X  

708FX2 Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # 708FX2
Description  Managed Industrial Ethernet Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

708FX2 Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  708FX2 Datasheet HTML 1Page - Red Lion Controls. Inc 708FX2 Datasheet HTML 2Page - Red Lion Controls. Inc 708FX2 Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
708FX2 Specifications
708FX2 Specifications
Switch Properties
Number of MAC Addresses:
8000
Aging Time:
Programmable
Latency Typical:
2.9 μs
Switching Method:
Store-and-Forward
Physical
Height:
2.3"
(5.8cm)
Width:
6"
(15.3cm)
Depth:
3.8"
(9.6cm)
Weight (max):
1.7 lbs
(0.75kg)
DIN-Rail Mount:
35mm
Electrical
Redundant Input Voltage:
10-30 VDC
Input Current (max):
330mA max @ 24VDC
BTU/hr:
27 @ 24VDC
N-TRON Power Supply:
NTPS-24-1.3 (1.3A@ 24V)
Environmental
Operating Temperature:
-40oC to 85oC
Storage Temperature:
-40oC to 85oC
Operating Humidity:
5% to 95%
(Non Condensing)
Operating Altitude:
0 to 10,000 ft.
Shock and Vibration (bulkhead mounted)
Shock:
200g @ 10ms
Vibration/Seismic:
50g, 5-200Hz, Triaxial
Reliability
MTBF:
>2 Million Hours
Network Media
10BaseT:
>Cat3 Cable
100BaseTX:
>Cat5 Cable
100BaseFX Multimode:
50-62.5/125μm
100BaseFXE Singlemode:
7-10/125μm
Connectors
10/100BaseTX:
Six (6) RJ-45 Copper Ports
100BaseFX:
Two (2) SC or ST
Fiber Duplex Ports
Recommended Wiring Clearance
Front:
4"
(10.16cm)
Side:
1"
(2.54cm)
Regulatory Approvals
FCC/CE (CFR 47, Part 15, Subpart B, Class A)
EN 55011
ICES-003- Class A
EN61000-4-2/3/4/5/6/8/11, EN61000-6-2/4
UL /cUL: Class I, Div 2, Groups A, B, C, D and T4A
ANSI/ISA 12.12.01-2007
ATEX II 3 G Ex nC (DEMKO 03 ATEX 0316686U)
ABS Type Approval for Shipboard Applications
DNV Type Approval Certification
EN50155 for Railway Applications
GOST-R Certified
RoHS Compliant
Designed to comply with:
IEEE 1613 for Electric Utility Substations
NEMA TS1/TS2 for Traffic Control
THE INDUSTRIAL NETWORK COMPANY
REV 100625
Fiber Transceiver Characteristics
Fiber Length
2km*
15km**
40km**
80km**
TX Power Min
-19dBm
-15dBm
-5dBm
-5dBm
RX Sensitivity Max
-31dBm
-31dBm
-34dBm
-34dBm
Wavelength
1310nm
1310nm
1310nm
1550nm
* Multimode Fiber Optic Cable
** Singlemode Fiber Optic Cable
® 2010 N-TRON, Corp. N-TRON and the N-TRON logo are trademarks of N-TRON, Corp. Product names mentioned herein are for identification purposes only and may be trademarks
and/or registered trademarks of their respective company. Specifications subject to change without notice. The responsibility for the use and application of N-TRON products rests
with the end user. N-TRON makes no warranties as to the fitness or suitability of any N-TRON product for any specific application. N-TRON Corporation shall not be liable for any
damage resulting from the installation, use, or misuse of this product. Printed in USA.
Contact Information
N-TRON Corp.
N-TRON Asia
N-TRON Europe GmbH
820 S. University Blvd., Suite 4E
Suite #: 2267, 22/F, One Lujiazui
Alte Steinhauserstr 19
Mobile, AL 36609 USA
68 Yin Cheng Road Center,
6330 Cham / Zg Switzerland
TEL: (251) 342-2164
Pudong New Area
TEL: +41 41 7406636
FAX: (251) 342-6353
200120 Shanghai, P.R. China
FAX: +41 41 7406637
Website: www.N-TRON.com
Phone: +86 (0) 21 6194 6777
Email: N-TRON_info@N-TRON.com
Fax: +86 (0) 21 6194 6699



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com