Electronic Components Datasheet Search
  English  ▼

X  

708FX2 Datasheet(PDF) 3 Page - Red Lion Controls. Inc

Part # 708FX2
Description  Managed Industrial Ethernet Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

708FX2 Datasheet(HTML) 3 Page - Red Lion Controls. Inc

  708FX2 Datasheet HTML 1Page - Red Lion Controls. Inc 708FX2 Datasheet HTML 2Page - Red Lion Controls. Inc 708FX2 Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
708FX2 Specifications
THE INDUSTRIAL NETWORK COMPANY
708FX2 Industrial Ethernet Switch Ordering Information
708FX2-XX
Six 10/100BaseTX Ports, Two Multimode 100BaseFX Fiber Optic Ports
708FXE2-XX-YY
Six 10/100BaseTX Ports, Two Singlemode 100BaseFX Fiber Optic Ports
700-PM
Panel Mount Kit
9000-UTA107
Optional Metal DIN rail Mount
URMK
19" Universal Rack Mount Kit
NTPS-24-1.3
N-TRON Power Supply - (1.3 Amp @ 24VDC)
Where: XX = ST or SC,
YY = 15, 40 or 80 for Singlemode, Blank for Multimode
E = Singlemode, and Blank Otherwise
® 2010 N-TRON, Corp. N-TRON and the N-TRON logo are trademarks of N-TRON, Corp. Specifications subject to change without notice. Printed in USA.
THE INDUSTRIAL NETWORK COMPANY
708FX2 Industrial Ethernet Switch Ordering Information
708FX2-XX
Six 10/100BaseTX Ports, Two Multimode 100BaseFX Fiber Optic Ports
708FXE2-XX-YY
Six 10/100BaseTX Ports, Two Singlemode 100BaseFX Fiber Optic Ports
700-PM
Panel Mount Kit
9000-UTA107
Optional Metal DIN rail Mount
URMK
19" Universal Rack Mount Kit
NTPS-24-1.3
N-TRON Power Supply - (1.3 Amp @ 24VDC)
Where: XX = ST or SC,
YY = 15, 40 or 80 for Singlemode, Blank for Multimode
E = Singlemode, and Blank Otherwise
® 2010 N-TRON, Corp. N-TRON and the N-TRON logo are trademarks of N-TRON, Corp. Specifications subject to change without notice. Printed in USA.
w w w .r edlion.net
Connect. Monitor. Control.
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
ADLD0292 080116 © 2016 Red Lion Controls, Inc. All rights reserved. Red Lion, the Red Lion logo, N-Tron and Sixnet are
registered trademarks of Red Lion Controls, Inc. All other company and product names are trademarks of their respective owners.
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our automation, Ethernet and
cellular M2M technology enables companies worldwide to gain real-time
data visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the company
has offices across the Americas, Asia-Pacific and Europe. Red Lion is
part of Spectris plc, the productivity-enhancing instrumentation and
controls company. For more information, please visit www.redlion.net.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com