Electronic Components Datasheet Search
  English  ▼

X  

LM2902A Datasheet(PDF) 9 Page - Diodes Incorporated

Part # LM2902A
Description  DUAL AND QUAD OPERATIONAL AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM2902A Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button LM2902A Datasheet HTML 5Page - Diodes Incorporated LM2902A Datasheet HTML 6Page - Diodes Incorporated LM2902A Datasheet HTML 7Page - Diodes Incorporated LM2902A Datasheet HTML 8Page - Diodes Incorporated LM2902A Datasheet HTML 9Page - Diodes Incorporated LM2902A Datasheet HTML 10Page - Diodes Incorporated LM2902A Datasheet HTML 11Page - Diodes Incorporated LM2902A Datasheet HTML 12Page - Diodes Incorporated LM2902A Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LM2902/ LM2902A/ LM2904/ LM2904A
Document number: DS36780 Rev. 3 - 2
9 of 15
www.diodes.com
May 2016
© Diodes Incorporated
LM2902/ LM2902A/ LM2904/ LM2904A
Application Information (Continued)
Power Supply Bypassing and Layout
The LM29xx family operate both single supply voltage range 3V to 36V or dual supply voltage ±1.5V to ±18V.
As with any operation amplifier, proper supply bypassing is critical for low noise performance and high power supply rejection. For single supply
operation system, a minimum 0.1µF bypass capacitor should be recommended to place as close as possible between the VCC Pin and GND. For
dual supply operation, both the positive supply pin and negative supply pin should be bypassed to ground with a separate 0.1µF ceramic capacitor.
2.2µF tantalum capacitor can be added for better performance. Keep the length of leads and traces that connect capacitors between the LM29xx
power supply pin and ground as short as possible.
Ordering Information (Note 14)
LM290X X XXX - 13
Channel
Grade
3 : Dual
Packing
Package
S : SO-8
13 : Tape & Reel
1 : Quad
A : Low
VIO
Blank : Normal
S14 : SO-14
T14 : TSSOP-14
M8: MSOP-8
TH: TSSOP-8
Part Number
Package Code
Packaging
13” Tape and Reel
Quantity
Part Number Suffix
LM2902T14-13
T14
TSSOP-14
2,500/Tape & Reel
-13
LM2902AT14-13
T14
TSSOP-14
2,500/Tape & Reel
-13
LM2902S14-13
S14
SO-14
2,500/Tape & Reel
-13
LM2902AS14-13
S14
SO-14
2,500/Tape & Reel
-13
LM2904S-13
S
SO-8
2,500/Tape & Reel
-13
LM2904AS-13
S
SO-8
2,500/Tape & Reel
-13
LM2904AM8-13
M8
MSOP-8
2,500/Tape & Reel
-13
LM2904M8-13
M8
MSOP-8
2,500/Tape & Reel
-13
LM2904ATH-13
TH
TSSOP-8
2,500/Tape & Reel
-13
LM2904TH-13
TH
TSSOP-8
2,500/Tape & Reel
-13
Note:
14. For packaging details, go to our website at http://www.diodes.com/products/packages.html



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com