Electronic Components Datasheet Search
  English  ▼

X  

LM2902A Datasheet(PDF) 11 Page - Diodes Incorporated

Part # LM2902A
Description  DUAL AND QUAD OPERATIONAL AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM2902A Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button LM2902A Datasheet HTML 7Page - Diodes Incorporated LM2902A Datasheet HTML 8Page - Diodes Incorporated LM2902A Datasheet HTML 9Page - Diodes Incorporated LM2902A Datasheet HTML 10Page - Diodes Incorporated LM2902A Datasheet HTML 11Page - Diodes Incorporated LM2902A Datasheet HTML 12Page - Diodes Incorporated LM2902A Datasheet HTML 13Page - Diodes Incorporated LM2902A Datasheet HTML 14Page - Diodes Incorporated LM2902A Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
LM2902/ LM2902A/ LM2904/ LM2904A
Document number: DS36780 Rev. 3 - 2
11 of 15
www.diodes.com
May 2016
© Diodes Incorporated
LM2902/ LM2902A/ LM2904/ LM2904A
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SO-8
SO-8
Dim
Min
Max
A
1.75
A1
0.10
0.20
A2
1.30
1.50
A3
0.15
0.25
b
0.3
0.5
D
4.85
4.95
E
5.90
6.10
E1
3.85
3.95
e
1.27 Typ
h
0.35
L
0.62
0.82

0°
8°
All Dimensions in mm
TSSOP-8
TSSOP-8
Dim
Min
Max
Typ
a
0.09
A

1.20

A1
0.05
0.15
A2
0.825 1.025 0.925
b
0.19
0.30
c
0.09
0.20
D
2.90
3.10
3.025
e
0.65
E
6.40
E1
4.30
4.50
4.425
L
0.45
0.75
0.60
All Dimensions in mm
MSOP-8
MSOP-8
Dim Min
Max
Typ
A
1.10
A1
0.05 0.15
0.10
A2
0.75 0.95
0.86
A3
0.29 0.49
0.39
b
0.22 0.38
0.30
c
0.08 0.23
0.15
D
2.90 3.10
3.00
E
4.70 5.10
4.90
E1
2.90 3.10
3.00
E3
2.85 3.05
2.95
e
0.65
L
0.40 0.80
0.60
a
0°
8°
4°
x
0.750
y
0.750
All Dimensions in mm
Gauge Plane
Seating Plane
Detail ‘A’
Detail ‘A’
E
E1
h
L
D
e
b
A2
A1
A
45°
7°~9°
A3
A
A1
A2
e
Seating Plane
Gauge Plane
0.25
L
4X10°
4X
10
°
See Detail C
Detail C
c
E1
E3
A3
1
E
y
x
D
b
L
Gauge plane
See Detail C
D
E
A1
A2
A
e
a
Detail C
E1
b
D
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com