Electronic Components Datasheet Search
  English  ▼

X  

MIC5305 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5305
Description  150mA UCap Ultra-Low Dropout LDO Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5305 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5305 Datasheet HTML 1Page - Micrel Semiconductor MIC5305 Datasheet HTML 2Page - Micrel Semiconductor MIC5305 Datasheet HTML 3Page - Micrel Semiconductor MIC5305 Datasheet HTML 4Page - Micrel Semiconductor MIC5305 Datasheet HTML 5Page - Micrel Semiconductor MIC5305 Datasheet HTML 6Page - Micrel Semiconductor MIC5305 Datasheet HTML 7Page - Micrel Semiconductor MIC5305 Datasheet HTML 8Page - Micrel Semiconductor MIC5305 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC5305
Micrel
August 2004
2
M9999-081704
Ordering Information
Part Number
Marking
Voltage
Junction Temp. Range(1)
Package
MIC5305-1.5BML
815
1.5
–40
°C to +125°C
6-pin 2
×2 MLF™
MIC5305-1.5BD5
N815
1.5
–40
°C to +125°C
Thin SOT23-5
MIC5305-1.8BML
818
1.8
–40
°C to +125°C
6-pin 2
×2 MLF™
MIC5305-1.8BD5
N818
1.8
–40
°C to +125°C
Thin SOT23-5
MIC5305-2.5BML
825
2.5
–40
°C to +125°C
6-pin 2
×2 MLF™
MIC5305-2.5BD5
N825
2.5
–40
°C to +125°C
Thin SOT23-5
MIC5305-2.6BML
826
2.6
–40
°C to +125°C
6-pin 2
×2 MLF™
MIC5305-2.7BML
827
2.7
–40
°C to +125°C
6-pin 2
×2 MLF™
MIC5305-2.8BML
828
2.8
–40
°C to +125°C
6-pin 2
×2 MLF™
MIC5305-2.85BML
82J
2.85
–40
°C to +125°C
6-pin 2
×2 MLF™
MIC5305-2.85BD5
N82J
2.85
–40
°C to +125°C
Thin SOT23-5
MIC5305-2.9BML
829
2.9
–40
°C to +125°C
6-pin 2
×2 MLF™
MIC5305-2.9BD5
N829
2.9
–40
°C to +125°C
Thin SOT23-5
MIC5305-3.0BML
830
3.0
–40
°C to +125°C
6-pin 2
×2 MLF™
MIC5305-3.0BD5
N830
3.0
–40
°C to +125°C
Thin SOT23-5
MIC5305-3.3BML
833
3.3
–40
°C to +125°C
6-pin 2
×2 MLF™
MIC5305-4.75BML
84H
4.75
–40
°C to +125°C
6-pin 2
×2 MLF™
MIC5305BML(2)
8AA
ADJ
–40
°C to +125°C
6-pin 2
×2 MLF™
Note:
1.
For other output voltage options, contact Micrel marketing.
2.
Please contact Micrel marketing regarding availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com