Electronic Components Datasheet Search
  English  ▼

X  

MIC5305 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5305
Description  150mA UCap Ultra-Low Dropout LDO Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5305 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5305 Datasheet HTML 1Page - Micrel Semiconductor MIC5305 Datasheet HTML 2Page - Micrel Semiconductor MIC5305 Datasheet HTML 3Page - Micrel Semiconductor MIC5305 Datasheet HTML 4Page - Micrel Semiconductor MIC5305 Datasheet HTML 5Page - Micrel Semiconductor MIC5305 Datasheet HTML 6Page - Micrel Semiconductor MIC5305 Datasheet HTML 7Page - Micrel Semiconductor MIC5305 Datasheet HTML 8Page - Micrel Semiconductor MIC5305 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MIC5305
Micrel
August 2004
4
M9999-081704
Electrical Characteristics(5)
V
IN = VOUT +1.0V; COUT = 1.0µF, IOUT = 100µA; TJ = 25°C, bold values indicate –40°C to + 125°C; unless noted.
Parameter
Condition
Min
Typ
Max
Units
Output Voltage Accuracy
Variation from nominal V
OUT
–1.0
+1.0
%
Variation from nominal V
OUT, IOUT = 100µA to 150mA
–2.0
+2.0
%
Output Voltage Temp. Coefficient
40
ppm/
°C
Line Regulation
V
IN = VOUT +1V to 5.5V
0.02
0.3
%/V
Load Regulation(6)
I
OUT = 100µA to 150mA
0.1
0.5
%
Dropout Voltage(7)
I
OUT = 50mA
20
35
mV
I
OUT = 150mA
60
85
mV
Ground Pin Current(8)
I
OUT = 0 to 150mA
90
150
µA
Ground Pin Current in Shutdown
V
EN ≤ 0.2V
0.5
µA
Ripple Rejection
f = up to 1kHz; C
OUT = 1.0µF ceramic; CBYP = 0.1µF85
dB
f = 10kHz; C
OUT = 1.0µF ceramic; CBYP = 0.1µF65
dB
Current Limit
V
OUT = 0V
300
600
900
mA
Output Voltage Noise
C
OUT =1µF, CBYP = 0.01µF, 10Hz to 100kHz
20
µVrms
Turn-On Time
C
OUT = 1µF; CBYP = 0.01µF; IOUT= 150mA
30
100
µs
Enable Input
Enable Input Voltage
Logic Low (Regulator Shutdown)
0.2
V
Logic High (Regulator Enabled)
1.0
V
Enable Input Current
V
IL ≤ 0.2V (Regulator Shutdown)
0.01
1
µA
V
IH ≥ 1.0V (Regulator Enabled)
0.01
1
µA
Notes:
1.
Exceeding maximum ratings may damage the device.
2.
The device is not guaranteed to work outside its operating ratings.
3.
The maximum allowable power dissipation of any T
A (ambient temperature) is PD(max) = (TJ(max) - TA) / θJA. Exceeding the maximum allowable
power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
4.
Devices are ESD sensitive. Handling precautions recommended. Human Body Model.
5.
Specification for packaged product only.
6.
Regulation is measured at constant junction temperature using low duty cycle pulse testing, changes in output voltage due to heating effects are
covered by the thermal regulation specification.
7.
Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal value measured at 1V differen-
tial. For outputs below 2.25V, dropout voltage is the input-to-output differential with the minimum input voltage 2.25V.
8.
Ground pin current is the regulator quiescent current. The total current drawn from the supply is the sum of the load current plus the ground pin
current.
Absolute Maximum Ratings(1)
Supply Input Voltage (V
IN) .................................... 0V to 6V
Enable Input Voltage (V
EN) ................................... 0V to 6V
Power Dissipation (P
D) ........................ Internally Limited
(3)
Junction Temperature(T
J) ........................ –40°C to +125°C
Storage Temperature (T
S) ......................... –65°C to 150°C
Lead Temperature (soldering, 5 sec.) ....................... 260
°C
ESD(4) .............................................................................................. 2kV
Operating Ratings(2)
Supply Input Voltage (V
IN) ............................ 2.25V to 5.5V
Enable Input Voltage (V
EN) .................................. 0V to VIN
Junction Temperature (T
J) ....................... –40°C to +125°C
Package Thermal Resistance (est.)
MLF-6 (
θ
JA) ........................................................ 93 °C/W
TSOT-23 (
θ
JA) ................................................... 235°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com