Electronic Components Datasheet Search
  English  ▼

X  

MICRF102 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MICRF102
Description  QwikRadio UHF ASK Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF102 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MICRF102 Datasheet HTML 4Page - Micrel Semiconductor MICRF102 Datasheet HTML 5Page - Micrel Semiconductor MICRF102 Datasheet HTML 6Page - Micrel Semiconductor MICRF102 Datasheet HTML 7Page - Micrel Semiconductor MICRF102 Datasheet HTML 8Page - Micrel Semiconductor MICRF102 Datasheet HTML 9Page - Micrel Semiconductor MICRF102 Datasheet HTML 10Page - Micrel Semiconductor MICRF102 Datasheet HTML 11Page - Micrel Semiconductor MICRF102 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MICRF102
Micrel
MICRF102
8
September 2002
In the simplest implementation, the inductance of the loop
antenna should be chosen such that the nominal value is
resonant at 5pF, the nominal mid-range value of the MICRF102
output stage varactor.
Using the equation:
L
fC
=
1
4
22
ππ
If the inductance of the antenna cannot be set at the nominal
value determined by the above equation, a capacitor can be
added in parallel or series with the antenna. In this case, the
varactor internal to the MICRF102 acts to trim the total
capacitance value.
LANTENNA
CVARACTOR
CP
CS
Figure 4.
Supply Bypassing
Correct supply bypassing is essential. A 4.7uF capacitor in
parallel with a 100pF capacitor is recommended.
The MICRF102 is susceptible to supply-line ripple, if supply
regulation is poor or bypassing is inadequate, spurs will be
evident in the transmit spectrum.
PC
VDD
VSS
REFOSC
ASK
MICRF102
L
ASK DATA INPUT
Transformer Output to 50‰
Impedance Transformation
Network
OFF
ON
RP2
(6.8k)
RP1
(100k)
+5V
Crystal
Z1
Z3
Z2
ANTP
ANTM
STBY
To 50‰
Termination of
Spectrum Analyzer
Figure 5. Application Test Circuit For Specification Verification
Transmit Power
The transmit power specified in this datasheet is normalized
to a 50Ohm load. The antenna efficiency will determine the
actual radiated power. Good antenna design will yield trans-
mit power in the range of 67dB
µV/m to 80dBµV/m at 3 meters.
The PC pin on the MICRF102 is used to set the transmit
power. The differential voltage on the output of the PA (power
amplifier) is proportional to the voltage at the PC pin.
With more than 0.35V on the PC pin the output amplifier
becomes current limited. At this point, further increase in the
PC pin voltage will not increase the RF output power in the
antenna pins. Low power consumption is achieved by de-
creasing the voltage in the PC pin, also reducing the RF
output power and maximum range.
Output Blanking
When the device is first powered up or after a momentary loss
of power the output is automatically blanked (disabled). This
feature ensures RF transmission only occurs under con-
trolled conditions when the synthesizer is fully operational,
preventing unintentional transmission at an undesired fre-
quency. Output blanking is key to guaranteeing compliance
with UHF regulations by ensuring transmission only occurs in
the intended frequency band.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com