Electronic Components Datasheet Search
  English  ▼

X  

MICRF102 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MICRF102
Description  QwikRadio UHF ASK Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF102 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MICRF102 Datasheet HTML 1Page - Micrel Semiconductor MICRF102 Datasheet HTML 2Page - Micrel Semiconductor MICRF102 Datasheet HTML 3Page - Micrel Semiconductor MICRF102 Datasheet HTML 4Page - Micrel Semiconductor MICRF102 Datasheet HTML 5Page - Micrel Semiconductor MICRF102 Datasheet HTML 6Page - Micrel Semiconductor MICRF102 Datasheet HTML 7Page - Micrel Semiconductor MICRF102 Datasheet HTML 8Page - Micrel Semiconductor MICRF102 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
September 2002
1
MICRF102
MICRF102
Micrel
MICRF102
QwikRadio™ UHF ASK Transmitter
Final Information
General Description
The MICRF102 is a single chip Transmitter IC for remote
wireless applications. The device employs Micrel’s latest
QwikRadio™ technology. This device is a true “data-in,
antenna-out” monolithic device. All antenna tuning is accom-
plished automatically within the IC which eliminates manual
tuning, and reduces production costs. The result is a highly
reliable yet extremely low cost solution for high volume
wireless applications. Because the MICRF102 is a true
single-chip radio transmitter, it is easy to apply, minimizing
design and production costs, and improving time to market.
The MICRF102 uses a novel architecture where the external
loop antenna is tuned to the internal UHF synthesizer. This
transmitter is designed to comply worldwide UHF unlicensed
band intentional radiator regulations. The IC is compatible
with virtually all ASK/OOK (Amplitude Shift Keying/On-Off
Keyed) UHF receiver types from wide-band super-regenera-
tive radios to narrow-band, high performance super-hetero-
dyne receivers. The transmitter is designed to work with
transmitter data rates from 100 to 20k bits per second.
The automatic tuning in conjunction with the external resistor,
insures that the transmitter output power stays constant for
the life of the battery.
When coupled with Micrel’s family of QwikRadio™ receivers,
the MICRF102 provides the lowest cost and most reliable
remote actuator and RF link system available.
Typical Application
PC
VDD
VSS
REFOSC
ASK
MICRF102
ASK DATA INPUT
RP2
6.8k
0.1
µF
4.7
µF
RP1
100k
+5V
+5V
Y1
ANTP
ANTM
STBY
LOOP
ANTENNA
(PCB TRACE)
100k
Figure 1
Features
• Complete UHF transmitter on a monolithic chip
• Frequency range 300MHz to 470MHz
• Data rates to 20kbps
• Automatic antenna alignment, no manual adjustment
• Low external part count
• Low standby current <0.04
µA
Applications
• Remote Keyless Entry Systems (RKE)
• Remote Fan/Light Control
• Garage Door Opener Transmitters
• Remote Sensor Data Links
Ordering Information
Part Number
Temperature Range
Package
MICRF102BM
–0
°C to +85°C
8-Pin SOIC
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
QwikRadio is a trademark of Micrel, Inc. The QwikRadio ICs were developed under a partnership agreement with AIT of Orlando, Florida


Similar Part No. - MICRF102

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF102 MICREL-MICRF102 Datasheet
317Kb / 12P
QwikRadio??UHF ASK Transmitter
MICRF102BM MICREL-MICRF102BM Datasheet
317Kb / 12P
QwikRadio??UHF ASK Transmitter
MICRF102YM MICREL-MICRF102YM Datasheet
317Kb / 12P
QwikRadio??UHF ASK Transmitter
MICRF102 MICREL-MICRF102_06 Datasheet
317Kb / 12P
QwikRadio??UHF ASK Transmitter
More results

Similar Description - MICRF102

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2745B ATMEL-U2745B Datasheet
188Kb / 9P
UHF ASK TRANSMITTER
T5750 ATMEL-T5750 Datasheet
212Kb / 12P
UHF ASK/FSK TRANSMITTER
T5753 ATMEL-T5753 Datasheet
213Kb / 13P
UHF ASK/FSK TRANSMITTER
logo
Micrel Semiconductor
MICRF103 MICREL-MICRF103 Datasheet
41Kb / 7P
QwikRadio UHF ASK Transmitter
MICRF104 MICREL-MICRF104 Datasheet
45Kb / 10P
1.8V, QwikRadio??UHF ASK Transmitter
logo
ATMEL Corporation
ATA5756 ATMEL-ATA5756 Datasheet
321Kb / 20P
UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750_07 Datasheet
211Kb / 13P
UHF ASK/FSK Transmitter
ATA2745 ATMEL-ATA2745 Datasheet
237Kb / 10P
UHF ASK Transmitter
logo
Micrel Semiconductor
MICRF102 MICREL-MICRF102_06 Datasheet
317Kb / 12P
QwikRadio??UHF ASK Transmitter
logo
ATMEL Corporation
ATA2745M-TCQY ATMEL-ATA2745M-TCQY Datasheet
237Kb / 10P
UHF ASK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com