Electronic Components Datasheet Search
  English  ▼

X  

MBR5200 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MBR5200
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR5200 Datasheet(HTML) 3 Page - Diodes Incorporated

  MBR5200 Datasheet HTML 1Page - Diodes Incorporated MBR5200 Datasheet HTML 2Page - Diodes Incorporated MBR5200 Datasheet HTML 3Page - Diodes Incorporated MBR5200 Datasheet HTML 4Page - Diodes Incorporated MBR5200 Datasheet HTML 5Page - Diodes Incorporated MBR5200 Datasheet HTML 6Page - Diodes Incorporated MBR5200 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MBR5200
Document number: DS36955 Rev. 4 - 2
3 of 7
www.diodes.com
October 2015
© Diodes Incorporated
MBR5200
Marking Information (Cont.)
(2) DO-27 (C)
(Top View)
Maximum Ratings (Per Diode Leg) (Note 4)
Characteristic
Symbol
Rating
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
200
V
Average Rectified Forward Current
(Rated VR) TC = TBD
IF(AV)
5
A
Non Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions Half Wave,
Single Phase, 60Hz)
IFSM
100
A
Operating Junction Temperature Range (Note 5)
TJ
-65 to +150
C
Storage Temperature Range
TSTG
-65 to +150
C
Voltage Rate of Change (Rated VR)
dv/dt
10000
V/µs
ESD (Machine Model = C)
–
400
V
ESD (Human Body Model = 3B)
–
8000
V
Notes:
4.
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicate
d under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
5. The heat generated must be less than the thermal conductivity from Junction to Ambient: dPD/dTJ < 1/θJA.
First Line: Logo and Date Code
Y: Year
WW: Work Week of Molding
A: Assembly House Code
Second Line: Marking ID
(See Ordering Information)
YWWA
XXXXXXX



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com