Electronic Components Datasheet Search
  English  ▼

X  

MBR5200 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # MBR5200
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR5200 Datasheet(HTML) 4 Page - Diodes Incorporated

  MBR5200 Datasheet HTML 1Page - Diodes Incorporated MBR5200 Datasheet HTML 2Page - Diodes Incorporated MBR5200 Datasheet HTML 3Page - Diodes Incorporated MBR5200 Datasheet HTML 4Page - Diodes Incorporated MBR5200 Datasheet HTML 5Page - Diodes Incorporated MBR5200 Datasheet HTML 6Page - Diodes Incorporated MBR5200 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MBR5200
Document number: DS36955 Rev. 4 - 2
4 of 7
www.diodes.com
October 2015
© Diodes Incorporated
MBR5200
Thermal Characteristics
Characteristic
Symbol
Rating
Unit
Maximum Thermal Resistance (Junction to Case)
(Note 6)
RθJC
5
oC/W
Maximum Thermal Resistance (Junction to Ambient)
(Note 6)
RθJA
30
Note 6:
Device mounted on heat sink, with minimum recommended pad layout per http://www.diodes.com
Electrical Characteristics
Characteristic
Symbol
Rating
Unit
Test Condition
Maximum Instantaneous Forward Voltage Drop (Note 7)
VF
0.95
V
IF = 5A, TC = +25C
0.75
IF = 5A, TC = +125C
Maximum Instantaneous Reverse Current (Note 7)
IR
0.5
mA
Rated DC Voltage, TC = +25C
1.0
Rated DC Voltage, TC = +125C
Note 7:
Short duration pulse test used to minimize self-heating effect, Pulse Test: Pulse Width = 300µ
s, Duty Cycle ≤ 2.0%.
Figure 1. Typical Forward Characteristics
Figure 2. Typical Reverse Characteristics
Figure 3. Average Rectified Forward Current vs.
Figure 4. Average Rectified Forward Current vs.
Case Temperature
Ambient Temperature
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5
0.01
0.1
1
10
100
T
J
=25
oC
T
J
=125
oC
T
J
=150
oC
Instantaneous Forward Voltage (V)
0
20
40
60
80
100
120
140
160
180
200
220
0.01
0.1
1
10
100
1000
10000
T
J
=25
oC
T
J
=125
oC
T
J
=150
oC
Reverse Voltage (V)
120
125
130
135
140
145
150
155
0
1
2
3
4
5
6
7
Note 6
T
C
, Case Temperature (
oC)
30
40
50
60
70
80
90
100
110
120
130
140
150
0
1
2
3
4
5
6
7
Note 6
T
A
, Ambient Temperature (
oC)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com