Electronic Components Datasheet Search
  English  ▼

X  

306FX2 Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # 306FX2
Description  Unmanaged Industrial Ethernet Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

306FX2 Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  306FX2 Datasheet HTML 1Page - Red Lion Controls. Inc 306FX2 Datasheet HTML 2Page - Red Lion Controls. Inc 306FX2 Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
306FX-N Industrial Ethernet Switch
N-Tron Networking Series
Unmanaged Industrial Ethernet Switch
THE INDUSTRIAL NETWORK COMPANY
www.n-tron.com
RUGGED • RELIABLE • AFFORDABLE
306FX2-N
The N-TRON® 306FX2 is an unmanaged six port Industrial Ethernet Switch. It is
housed in a ruggedized DIN-RAIL enclosure and is designed for use in industrial
data acquisition, control, and Ethernet I/O applications.
PRODUCT FEATURES
• Compact Size, Small Footprint
• Full IEEE 802.3 and 1613 Compliance
• NEMA TS1/TS2 Compliance
• American Bureau of Shipping (ABS) Type Approval
• Extended Environmental Specications
• Four 10/100 BaseTX RJ-45 Ports
• Two 100BaseFX Port ST (shown) or SC
• RJ-45 Ports Support Full/Half Duplex Operation
• LED Link/Activity Status Indication
• Store-and-Forward Technology
• Auto Sensing Duplex, Speed and MDIX (RJ-45)
• Up to 1.0 Gb/s Maximum Throughput
• Rugged Industrial DIN-RAIL Enclosure
• Redundant Power Inputs (10-30 VDC)
• N-View™OPC Switch Monitoring Option
PRODUCT OVERVIEW
The 306FX2 industrial network switch is designed to meet and exceed the most
demanding industrial communication requirements while providing high throughput
and minimum downtime.
The 306FX2 provides four RJ-45 auto sensing 10/100BaseTX ports, plus two
ber-based Fast Ethernet uplink ports. All TX ports utilize state-of-the-art Ethernet
switching technology and are full/half duplex capable. The 306FX2 auto-negotiates
the speed and ow control capabilities of the fourTX port connections and congures
itself automatically. The two ber optic ports utilize industry standard ST or SC
duplex connectors and are congured for full duplex operation. Both multimode
and singlemode ber models are available.
The TX ports of the 306FX2 are auto sensing, so there will be no need to make
extensive wiring changes due to future upgrades of host computers, plant systems,
or Ethernet I/O modules.The switching fabric simply scales up or down automatically
to match network environments.
The 306FX2 supports up to 4,000 MAC addresses, enabling these products to
support extremely sophisticated and complex network architectures.
The 306FX2 is an ideal candidate for upgrading existing hubs and repeaters to
increase bandwidth and determinism by virtually eliminating network collisions.
The product provides a cost-effective solution while maintaining the plug & play
simplicity of an unmanaged hub.
The 306FX2 can simplify plant wiring by eliminating the need to bring data acquisition
and control network connections back to a climate controlled environment. The
306FX2 has extended operating environmental specications to meet the harsh
needs of the industrial environment. For cost savings and convenience the 306FX2
can be DIN-Rail mounted alongside Ethernet I/O or other industrial equipment.
The unique compact size provides a small footprint, conserving space in the most
critical dimension. The 306FX2 can also be panel mounted if desired.
To increase reliability, the 306FX2 includes redundant power inputs. LED's are
provided to display the link status and activity of each port, as well as power
on/off status.
N-VIEW OPC PORT MONITORING (With -N Option Only)
The N-TRON N-View OLE for Process Control (OPC) server software can be
combined with popular HMI software packages to add network trafc monitoring,
trending and alarming to any application using N-TRON switches congured with the
N-View option. N-TRON's N-View OPC Server collects 41 different trafc variables
per port and 5 system level variables per switch. This information can provide a
complete overview of the network load, service quality, and packet trafc. OPC client
software can use N-View OPC Server data to resolve network problems quickly
and improve system reliability.


Similar Part No. - 306FX2

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
306FFS330XF7BF ILLINOISCAPACITOR-306FFS330XF7BF Datasheet
401Kb / 3P
Photoflash aluminum electrolytic Capacitors
306FSC320XF1 ILLINOISCAPACITOR-306FSC320XF1 Datasheet
268Kb / 2P
Photoflash aluminum electrolytic Capacitors
306FSC320XF2 ILLINOISCAPACITOR-306FSC320XF2 Datasheet
268Kb / 2P
Photoflash aluminum electrolytic Capacitors
306FSC320XF3 ILLINOISCAPACITOR-306FSC320XF3 Datasheet
268Kb / 2P
Photoflash aluminum electrolytic Capacitors
306FSC330XF1 ILLINOISCAPACITOR-306FSC330XF1 Datasheet
268Kb / 2P
Photoflash aluminum electrolytic Capacitors
More results

Similar Description - 306FX2

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
524TX REDLION-524TX Datasheet
498Kb / 3P
Unmanaged Industrial Ethernet Switch
517FX REDLION-517FX Datasheet
548Kb / 3P
Unmanaged Industrial Ethernet Switch
509FX REDLION-509FX Datasheet
447Kb / 3P
Unmanaged Industrial Ethernet Switch
309FX REDLION-309FX Datasheet
435Kb / 3P
Unmanaged Industrial Ethernet Switch
305FX REDLION-305FX Datasheet
413Kb / 2P
Unmanaged Industrial Ethernet Switch
304TX REDLION-304TX Datasheet
764Kb / 3P
Unmanaged Industrial Ethernet Switch
112FX4 REDLION-112FX4 Datasheet
708Kb / 3P
Unmanaged Industrial Ethernet Switch
110FX2 REDLION-110FX2 Datasheet
866Kb / 3P
Unmanaged Industrial Ethernet Switch
105TX-SL REDLION-105TX-SL Datasheet
636Kb / 3P
Unmanaged Industrial Ethernet Switch
105TX-POE REDLION-105TX-POE Datasheet
1Mb / 3P
Unmanaged Industrial Ethernet Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com