Electronic Components Datasheet Search
  English  ▼

X  

306FX2 Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # 306FX2
Description  Unmanaged Industrial Ethernet Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

306FX2 Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  306FX2 Datasheet HTML 1Page - Red Lion Controls. Inc 306FX2 Datasheet HTML 2Page - Red Lion Controls. Inc 306FX2 Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
306FX2-N Specifications
www.n-tron.com
306FX2-N
BENEFITS
Industrial Network Switch
• Compact Size, Small Footprint
• High Reliability/Availability
• Extended Environmental Specications
• Ruggedized DIN-Rail Enclosure
• High Performance
• High MTBF >2M Hours (measured)
Ease of Use
• Plug & Play Operation
• Four Auto Sensing 10/100BaseTX RJ-45 Ports
• Auto Sensing Duplex, Speed and Cable Type
• Unmanaged Operation
• Compact DIN-Rail Package
Increased Performance
• Full Wire Speed Capable
• 100BaseFX Fiber Uplink
• Full Duplex Capable
• Eliminates Network Collisions
• Increases Network Determinism
• N-View Switch Viewing Option
Regulatory Approvals
FCC Part 15 Class A
UL Listed 1604 (US and Canada)
CLASS I, DIV 2, GROUPS A,B,C,D,T4A
CE: EN61000-6-2,4, EN55011, EN61000-4-2,3,4,5,6
ABS Type Approval for Shipboard Applications
GOST-R Certied
RoHS Compliant
SPECIFICATIONS
Case Dimensions
Height:
3.5"
(8.9 cm)
Width:
2.1"
(5.4 cm)
Depth:
3.4"
(8.7 cm)
Weight:
0.75 lbs (0.34 kg)
Electrical
Input Voltage:
10-30 VDC
Input Current:
250 mA@24V
BTU/hr:
20.5@24 VDC
Inrush:
10Amp/0.9ms@24V
Environmental
Operating Temperature:
-20oC to 70oC
Storage Temperature:
-40oC to 85oC
Operating Humidity:
10% to 95% (Non Condensing)
Operating Altitude:
0 to 10,000 ft.
Shock and Vibration (bulkhead mounting)
Shock:
200g @ 10ms
Vibration/Seismic:
50g, 5-200Hz, Triaxial
Network Media
10BaseT:
≥Cat3 Cable
100BaseTX:
≥Cat5 Cable
100BaseFX :
Multimode
50-62.5/125μm
Singlemode
7-10/125μm
Connectors
10/100BaseTX:
Four (1) RJ-45 TX Ports
100BaseFX:
Two (2) ST or SC Duplex Ports
Recommended Wiring Clearance
Front:
4" (10.16 cm)
Top:
1" (2.54 cm)
Fiber Transceiver Characteristics
Fiber Length
2km*
15km**
40km**
80km**
TX Power Min
-19dBm
-15dBm
-5dBm
-5dBm
RX Sensitivity Max -31dBm
-31dBm
-34dBm
-34dBm
Wavelength
1310nm
1310nm
1310nm
1550nm
* Multimode Fiber Optic Cable
** Singlemode Fiber Optic Cable



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com