Electronic Components Datasheet Search
  English  ▼

X  

MSP4428G Datasheet(PDF) 49 Page - Micronas

Part # MSP4428G
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4428G Datasheet(HTML) 49 Page - Micronas

Back Button MSP4428G Datasheet HTML 45Page - Micronas MSP4428G Datasheet HTML 46Page - Micronas MSP4428G Datasheet HTML 47Page - Micronas MSP4428G Datasheet HTML 48Page - Micronas MSP4428G Datasheet HTML 49Page - Micronas MSP4428G Datasheet HTML 50Page - Micronas MSP4428G Datasheet HTML 51Page - Micronas MSP4428G Datasheet HTML 52Page - Micronas MSP4428G Datasheet HTML 53Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 85 page
background image
PRELIMINARY DATA SHEET
MSP 44x8G
Micronas
49
Fig. 4–14: Capacitor Pins 38 and 40
(CAPL_A, CAPL_M)
Fig. 4–15: Input Pin 60 (MONO_IN)
Fig. 4–16: Input Pins 47, 48, 50, 51, 53, 54, 56, and 57
(SC4-1_IN_L/R)
Fig. 4–17: Output Pins 24, 25, 27, and 28
(DACA_R/L, DACM_R/L)
Fig. 4–18: Pin 45 (AGNDC)
Fig. 4–19: Output Pins 33, 34, 36, and 37
(SC_2_OUT_R/L, SC_1_OUT_R/L)
0...2 V
≈ 3.75 V
24 k
Ω
≈ 3.75 V
40 k
Ω
AHVSUP
0...1.2 mA
3.3 k
Ω
≈ 3.75 V
125 k
Ω
26 pF
120 k
Ω
300
Ω
≈ 3.75 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com