Electronic Components Datasheet Search
  English  ▼

X  

MSP4428G Datasheet(PDF) 7 Page - Micronas

Part # MSP4428G
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4428G Datasheet(HTML) 7 Page - Micronas

Back Button MSP4428G Datasheet HTML 3Page - Micronas MSP4428G Datasheet HTML 4Page - Micronas MSP4428G Datasheet HTML 5Page - Micronas MSP4428G Datasheet HTML 6Page - Micronas MSP4428G Datasheet HTML 7Page - Micronas MSP4428G Datasheet HTML 8Page - Micronas MSP4428G Datasheet HTML 9Page - Micronas MSP4428G Datasheet HTML 10Page - Micronas MSP4428G Datasheet HTML 11Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 85 page
background image
PRELIMINARY DATA SHEET
MSP 44x8G
Micronas
7
1.3. MSP 44x8G Versions and their Application Fields
Table 1–1 provides an overview of TV sound standards
that can be processed by the MSP 44x8G family. In
addition, the MSP 44x8G is able to handle the terres-
trial FM-Radio standard. With the MSP 44x8G, a com-
plete multimedia receiver covering all TV sound stan-
dards together with terrestrial and satellite radio sound
can be built; even ASTRA Digital Radio can be pro-
cessed (with a DRP 3510A coprocessor).
Fig. 1–2: Typical MSP 44x8G application
Table 1–1: TV Stereo Sound Standards covered by the MSP 44x8G Family (details see Appendix A)
MSP Version
System
Position of Sound
Carrier / MHz
Sound
Modulation
Color
System
Broadcast e.g. in:
B/G
5.5/5.7421875
FM-Stereo (A2)
PAL
Germany
5.5/5.85
FM-Mono/NICAM
PAL
Scandinavia, Spain
L
6.5/5.85
AM-Mono/NICAM
SECAM-L
France
I
6.0/6.552
FM-Mono/NICAM
PAL
UK, Hong Kong
D/K
6.5/5.85
FM-Mono/NICAM
PAL
China, Hungary
6.5/6.2578125
FM-Stereo (A2, D/K1)
SECAM-East
Slovak. Rep.
6.5/6.7421875
FM-Stereo (A2, D/K2)
PAL
currently no broadcast
6.5/5.7421875
FM-Stereo (A2, D/K3)
SECAM-East
Poland
Satellite
6.5
7.02/7.2
7.38/7.56
etc.
FM-Mono
FM-Stereo
ASTRA Digital Radio (ADR)
with DRP 3510A
PAL
Europe Sat.
ASTRA
M
4.5/4.724212
FM-Stereo (A2)
NTSC
Korea
4.5
FM-FM (EIA-J)
NTSC
Japan
4.5
BTSC-Stereo
+ SAP
NTSC
USA
FM-Radio
10.7
FM-Stereo Radio
USA, Europe
SCART
Outputs
33 34 39 MHz
4.5 9 MHz
Main
2
2
SCART2
SCART1
MSP 44x8G
I2S2
I2S1
2
2
2
2
SCART1
SCART2
SCART3
SCART4
1
Mono
SAW Filter
Tuner
SCART
Inputs
I2S3
ADR
COMPOSITE
Video
Channel
Aux
Channel/
FM-Modulator
Aux
Channel
ADR
Decoder
Digital
Signal
Dolby-
Digital/
MPEG
Vision
Demodu-
lator
Sound
IF
Mixer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com