Electronic Components Datasheet Search
  English  ▼

X  

NCP302 Datasheet(PDF) 13 Page - ON Semiconductor

Part # NCP302
Description  Voltage Detector Series with Programmable Delay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP302 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NCP302 Datasheet HTML 9Page - ON Semiconductor NCP302 Datasheet HTML 10Page - ON Semiconductor NCP302 Datasheet HTML 11Page - ON Semiconductor NCP302 Datasheet HTML 12Page - ON Semiconductor NCP302 Datasheet HTML 13Page - ON Semiconductor NCP302 Datasheet HTML 14Page - ON Semiconductor NCP302 Datasheet HTML 15Page - ON Semiconductor NCP302 Datasheet HTML 16Page - ON Semiconductor NCP302 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
NCP302, NCP303
http://onsemi.com
13
Vin, INPUT VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1.0
0.8
0.6
0.4
0.2
0
1.0
0
1.0
1.5
2.0
2.5
3.0
2.0
1.5
1.0
0.5
0
3.0
Vin, INPUT VOLTAGE (V)
0.5
2.5
0
1.0
2.0
3.0
4.0
5.0
4.0
3.0
2.0
1.0
0
5.0
6.0
7.0
6.0
Vin, INPUT VOLTAGE (V)
Figure 15. NCP302L/3L Series 0.9 V
Reset Output Voltage vs. Input Voltage
Figure 16. NCP302L/3L Series 2.7 V
Reset Output Voltage vs. Input Voltage
Figure 17. NCP302L/3L Series 4.5 V
Reset Output Voltage vs. Input Voltage
16
0
VOUT, OUTPUT VOLTAGE (V)
12
8.0
4.0
0
0.2
0.4
0.6
0.8
1.0
2.0
6.0
10
14
0
0.5
1.0
1.5
2.0
2.5
VOUT, OUTPUT VOLTAGE (V)
1.2
0.6
0.4
0
0.2
0.8
1.0
0
35
25
15
5.0
0.5
1.0
1.5
2.0
2.5
3.0
10
0
3.5
4.0
20
30
VOUT, OUTPUT VOLTAGE (V)
Figure 18. NCP302H/3L Series 0.9 V
Reset Output Sink Current vs. Output Voltage
Figure 19. NCP302H/3L Series 2.7 V
Reset Output Sink Current vs. Output Voltage
Figure 20. NCP302H/3L Series 4.5 V
Reset Output Sink Current vs. Output Voltage
Vin = 0.85 V
TA = 25°C
TA = 25°C
TA = 25°C
Vin = 0.7 V
Vin = 4.0 V
Vin = 3.5 V
Vin = 3.0 V
Vin = 2.5 V
Vin = 2.0 V
Vin = 1.5 V
Vin = 2.5 V
Vin = 2.0 V
Vin = 1.5 V
TA = −30°C (303L only)
TA = 25°C (303L only)
TA = 85°C (303L only)
TA = −30°C (303L only)
TA = 25°C (303L only)
TA = 85°C (303L only)
TA = −30°C (303L only)
TA = 25°C (303L only)
TA = 85°C (303L only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com