Electronic Components Datasheet Search
  English  ▼

X  

NCP302 Datasheet(PDF) 22 Page - ON Semiconductor

Part # NCP302
Description  Voltage Detector Series with Programmable Delay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP302 Datasheet(HTML) 22 Page - ON Semiconductor

Back Button NCP302 Datasheet HTML 18Page - ON Semiconductor NCP302 Datasheet HTML 19Page - ON Semiconductor NCP302 Datasheet HTML 20Page - ON Semiconductor NCP302 Datasheet HTML 21Page - ON Semiconductor NCP302 Datasheet HTML 22Page - ON Semiconductor NCP302 Datasheet HTML 23Page - ON Semiconductor NCP302 Datasheet HTML 24Page - ON Semiconductor NCP302 Datasheet HTML 25Page - ON Semiconductor NCP302 Datasheet HTML 26Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
NCP302, NCP303
http://onsemi.com
22
ORDERING INFORMATION
Device
Threshold
Voltage
Output
Type
Reset
Marking
Package
Shipping†
NCP302LSN09T1
0.9
SBO
TSOP−5
NCP302LSN09T1G
0.9
SBO
TSOP−5
(Pb−Free)
NCP302LSN15T1
1.5
SBI
TSOP−5
NCP302LSN18T1
1.8
SBF
TSOP−5
NCP302LSN20T1
2.0
SBD
TSOP−5
NCP302LSN27T1
2.7
SAW
TSOP−5
NCP302LSN27T1G
2.7
SAW
TSOP−5
(Pb−Free)
NCP302LSN30T1
3.0
SAT
TSOP−5
NCP302LSN30T1G
3.0
CMOS
Active
SAT
TSOP−5
(Pb−Free)
NCP302LSN33T1
3.3
CMOS
Active
Low
SAQ
TSOP−5
NCP302LSN33T1G
3.3
SAQ
TSOP−5
(Pb−Free)
NCP302LSN38T1
3.8
SAK
TSOP−5
(Pb−Free)
NCP302LSN38T1G
3.8
SAK
TSOP−5
NCP302LSN40T1
4.0
SAI
TSOP−5
NCP302LSN43T1
4.3
SAF
TSOP−5
3000 / Tape & Reel
(7 inch Reel)
NCP302LSN45T1
4.5
SAL
TSOP−5
(7 inch Reel)
NCP302LSN45T1G
4.5
SAL
TSOP−5
(Pb−Free)
NCP302LSN47T1
4.7
SAC
TSOP−5
NCP302HSN09T1
0.9
SDO
TSOP−5
NCP302HSN18T1
1.8
SFH
TSOP−5
NCP302HSN27T1
2.7
SDK
TSOP−5
NCP302HSN30T1
3.0
CMOS
Active
Hi h
SDI
TSOP−5
NCP302HSN40T1
4.0
CMOS
ce
High
SJH
TSOP−5
NCP302HSN45T1
4.5
SDG
TSOP−5
NCP302HSN45T1G
4.5
SDG
TSOP−5
(Pb−Free)
NCP303LSN09T1
0.9
SDE
TSOP−5
NCP303LSN09T1G
0.9
SDE
TSOP−5
(Pb−Free)
NCP303LSN10T1
1.0
Open
Drain
Active
Low
SDD
TSOP−5
NCP303LSN10T1G
1.0
Drain
Low
SDD
TSOP−5
(Pb−Free)
NCP303LSN11T1
1.1
SDC
TSOP−5
NOTE: The ordering information lists standard undervoltage thresholds with active low outputs. Additional active low threshold devices, ranging
from 0.9 V to 4.9 V in 100 mV increments and NCP302 active high output devices, ranging from 0.9 V to 4.9 V in 100 mV increments can be
manufactured. Contact your ON Semiconductor representative for availability. The electrical characteristics of these additional devices are
shown in Tables 1 and 2.
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com