Electronic Components Datasheet Search
  English  ▼

X  

MIL314 Datasheet(PDF) 4 Page - Red Lion Controls. Inc

Part # MIL314
Description  Managed Layer 3 Military-Rated Ethernet Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

MIL314 Datasheet(HTML) 4 Page - Red Lion Controls. Inc

  MIL314 Datasheet HTML 1Page - Red Lion Controls. Inc MIL314 Datasheet HTML 2Page - Red Lion Controls. Inc MIL314 Datasheet HTML 3Page - Red Lion Controls. Inc MIL314 Datasheet HTML 4Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ORDERING GUIDE
PART NUMBER
DESCRIPTION
MIL314-XX*
14-port IP67 managed L3 Ethernet switch
12 copper Gig ports plus 2 x 10G multimode or singlemode fiber
ET-CAT6M-XCG
Cordset, CAT6 100/1000 Ethernet MIL plug to RJ45, x=meters
ET-CAT5E-XCG
Cordset, CAT5e 100/1000 Ethernet MIL plug to RJ45, x=meters
ET-CAT6M-XGG
Cordset, CAT6 100/1000 Ethernet MIL plug to MIL plug, x=meters
ET-CAT5E-XGG
Cordset, CAT5e 100/1000 Ethernet MIL plug to MIL, x=meters
ET-MILPWR-C2
Cordset, power plug to leads, 2 meters
ET-MIL232-C2NU
Cordset, military-style plug to RS232 console port, 2 meters
Note: See separate datasheet for cable specs. Contact Sixnet for other cordset and cable options.
*M (multimode fiber), S (singlemode fiber) 10 Gigabit speed
** Contact Sixnet for fiber options
EMI & EMC
TEST
STANDARD
SPECIFICATION
Conducted Emissions
MIL-STD-461F
CE101: Power Leads, 30Hz to 10Hz
Conducted Emissions
MIL-STD-461F
CE102: Power Leads, 10 kHz to 10 MHz
Radiated Emissions
MIL-STD-461F
RE102: Electric Field, 2 MHz to 18 GHz
Conducted Susceptibility
MIL-STD-461F
CS101: Power Leads, 30 Hz to 150 kHz
Conducted Susceptibility
MIL-STD-461F
CS114: Bulk Cable Injection, 10 kHz to 200 MHz
Conducted Susceptibility
MIL-STD-461F
CS115: Bulk Cable Injection, Impulse Excitation
Conducted Susceptibility
MIL-STD-461F
CS116: Damped Sinusoidal Transients,
Cables and Power Leads, 10 kHz to 100 MHz
Radiated Susceptibility
MIL-STD-461F
RS101: Electric Field, 30 Hz to 100 kHz
Radiated Susceptibility
MIL-STD-461F
RS103: Electric Field, 2 MHz to 40 GHz (50V/m)
Ripple Test
MIL-STD-1275D
2 V Peak and 7 V Peak Ripple Test
Spike Test (Imported)
MIL-STD-1275D
+/- 250 Volt Imported Spike Test
Spike Test (Exported)
MIL-STD-1275D
Voltage Spike Exported from the EUT
Surge Test
MIL-STD-1275D
40 V and 100 V Surges
ENVIRONMENTAL
TEST
STANDARD
SPECIFICATION
Operating Temperature
MIL-STD-810G
Methods 501.5: Operating Temperature
Temperature Shock
MIL-STD-810G
Method 503.5: Temperature Shock
Humidity
MIL-STD-810G
Method 507.5: Humidity
Elevation
MIL-STD-810G
Method 500.5: Elevation
Functional Shock
MIL-STD-810G
Method 516.6: Functional Shock
General Vibration
MIL-STD-810G
Method 514.6, Proc. 1: General Vibration
Steam and Water Jet
MIL-STD-108E
Paragraph 4.10 Table II: Steam and Water Jet
Leakage (Immersion)
MIL-STD-810G
Method 512.5: Leakage (Immersion)
Salt and Fog
MIL-STD-810G
Method 509.5
Dust
MIL-STD-810G
Method 510.5 Proc. 1
Explosive Atmosphere
MIL-STD-810G
Method 511.5
Acceleration Test
MIL-STD-810G
Method 513.6 Proc. 1,2,3
DIMENSIONS
Gig Ports
1
2
3
4
5
6
7
8
9
10
11
12
Power
Console
Vent
13.0"
[33.02cm]
8.5"
[21.59cm]
10G
10G
4.25"
[10.81cm]
3.24"
[8.24cm]
Managed Layer 3 Military-Rated Ethernet Switch Specifications
w w w .r edlion.net
Connect. Monitor. Control.
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
ADLD0191 09016 © 2016 Red Lion Controls, Inc. All rights reserved. Red Lion, the Red Lion logo, N-Tron and Sixnet are
registered trademarks of Red Lion Controls, Inc. All other company and product names are trademarks of their respective owners.
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our automation, Ethernet and
cellular M2M technology enables companies worldwide to gain real-time
data visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the company
has offices across the Americas, Asia-Pacific and Europe. Red Lion is
part of Spectris plc, the productivity-enhancing instrumentation and
controls company. For more information, please visit www.redlion.net.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com