Electronic Components Datasheet Search
  English  ▼

X  

MIL314 Datasheet(PDF) 3 Page - Red Lion Controls. Inc

Part # MIL314
Description  Managed Layer 3 Military-Rated Ethernet Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

MIL314 Datasheet(HTML) 3 Page - Red Lion Controls. Inc

  MIL314 Datasheet HTML 1Page - Red Lion Controls. Inc MIL314 Datasheet HTML 2Page - Red Lion Controls. Inc MIL314 Datasheet HTML 3Page - Red Lion Controls. Inc MIL314 Datasheet HTML 4Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Managed Layer 3 Military-Rated Ethernet Switch Specifications
SNMP & Ethernet Standards
• Ethernet, Fast Ethernet, Gigabit Ethernet
• Full-duplex flow control
• IEEE 802.3-2005
• IEEE 802.3ae 10 Gigabit Ethernet
• IEEE 802.3D Spanning Tree Protocol
• IEEE 802.1w Rapid Spanning Tree Protocol
• IEEE 802.1s Multiple Spanning Tree Protocol
• IEEE 802.1Q Virtual LAN
• IEEE 802.1X IEEE8021-PAE-MIB
• RFC 1907 SNMPv2-MIB (MIB-II)
• RFC 2011 IP-MIB (MIB-II)
• RFC 2012 TCP-MIB (MIB-II)
• RFC 2013 UDP-MIB (MIB-II)
• RFC 1493 Bridge MIB
• RFC 2863 IF-MIB
• RFC 2819 RMON MIB
• RFC 2618 RADIUS MIB
• RFC 2665 Etherlike MIB
• RFC 2737 Entity MIB
• RFC 2674 P-bridge, Q-bridge
• V-Bridge MIB
• RFC 3036 MAU MIB
• RFC 1612 DNS Reslover MIB
• RFC 3411 SNMP Framework
• RFC 3412 SNMP MPD MIB
• RFC 3413 SNMP Target MIB, SNMP Notify MIB
• RFC 3415 SNMP View-Based ACM MIB
• SNMP Trap Supported:
• RFC 1215, 1907, 2863, 1493, 1757, 2819
• Private MIB
Environmental
• MIL-STD-810G and MIL-STD-108E for environmental performance
(see table)
• Operating temperature: -40 to +70° C
(cold startup at -5° C)
• Storage temperature: -40 to +85° C
• Humidity: 5 to 95% RH (non-condensing
• Vent plug for high-altitude operation
EMC
• MIL-STD-461F for EMI performance. CE101, CE102, RE102 (see table)
• MIL-STD-461F for EMC performance. CS101, CS114, CS115, CS116,
RS101, RS103 (see table)
• MIL-STD-704 A/E/F and MIL-STD-1275 A/B/D for power protection
(POWER INPUT)
Recommended Interface Plugs
• 1G Ethernet Plug: Aero AE90-365-BN9-9PN
• 10G Ethernet Fiber Plug: TE/Deutsch MC406E-N-09-2SN
• Power Plug: D38999/26xA98SA (x = plating option)
• RS232 Plug: D38999/26xA35PA (x = plating option)
• Contact distributor for mating connectors
Warranty
5 years on design and manufacturing defects
Power Input
• Input voltage range: 20-36 VDC (continuous)
• Input power: 40 W (estimated max. under full load)
• Reverse polarity protection
• MIL-STD-1275 for power protection
• Surge protection: 100 volts for 1 second
• Transient protection: 15,000 watts peak
• Spike protection: 5,000 watts (10x for 10 uS) or 250 volts
(50x for 100 uS)
Physical
• Dimensions (L x W x H): 13x8.5x4.25”
• Weight (including caps): 12 lbs
• IP67 dust, oil and water-tight package protection
• LED indicators: port, uplink, system, diagnostic
• Tough corrosion proof aluminum case
• Conductive cooling — no moving parts
All specifications are subject to change. Contact Red Lion to learn more



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com