Electronic Components Datasheet Search
  English  ▼

X  

FXFIBER-SC-ST Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # FXFIBER-SC-ST
Description  Industrial Rated Fiber Optic Transceiverssolutions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

FXFIBER-SC-ST Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  FXFIBER-SC-ST Datasheet HTML 1Page - Red Lion Controls. Inc FXFIBER-SC-ST Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FxFIBER Industrial Fiber Optic Transceivers
Sixnet Networking Series
Industrial Rated Fiber Optic Transceivers
solutions for your industrial networking challenges
www.sixnet.com
iNDUSTRiAL FAST EThERNET FibER OpTic pORTS
FxFIBER-SC-ST
PRODUCT DATASHEET
pRODUcT hiGhLiGhTS
n
Multimode and singlemode models available
n
Noise immune fiber optic runs up to 120 km
n
Industrial rated for -40 to 85°C operation
n
Available in SC or ST duplex connectors (FC
available special order)
n
Fully compliant with IEEE 802.3u Fast Ethernet
(100 Mbps) standards
n
Low power consumption
REcOMMENDED OpERATiNG cONDiTiONS
Parameter
min.
tyP.
max
Unit
note
Operating Temperature
-40
-
85
o
C
-
Storage Temperature
-40
-
85
o
C
-
Data Rate
50
155
200
Mbit/s
-
Lead and Hazardous
Substance Free
ThESE iNDUSTRiAL RATED FibER OpTic
TRANScEivERS ARE iNTEGRATED iN MANy
SiXNET iNDUSTRiAL EThERNET SwiTchES.
ORDERiNG GUiDE
_ - _ _ - _ _
Product line
SL = Slim Line
ET = EtherTrak
Port count
2 thru 18
or more
switch type
ES = Ethernet (unmanaged)
RS = Ring
MS = Managed
MG = Gigabit Managed
RG = Gigabit Ring
fiber Ports
2 = 1 MM up to 4km
3 = 1 SM up to 20km
4 = 2 MM up to 4km
5 = 2 SM up to 20km
6 = 3 MM up to 4km
7 = 3 SM up to 20km
8 = 4 MM up to 4km
9 = 4 SM up to 20km
connector type
SC = SC Duplex
ST = ST Duplex
SL
8 MS
4 SC
Note: This doesn’t apply to all models. Refer to the datasheet of each model for exact ordering information.)
slx
slx = slim line
solutions for your industrial networking challenges
www.sixnet.com
iNDUSTRiAL FAST EThERNET FibER OpTic pORTS
FxFIBER-SC-ST
PRODUCT DATASHEET
pRODUcT hiGhLiGhTS
n
Multimode and singlemode models available
n
Noise immune fiber optic runs up to 120 km
n
Industrial rated for -40 to 85°C operation
n
Available in SC or ST duplex connectors (FC
available special order)
n
Fully compliant with IEEE 802.3u Fast Ethernet
(100 Mbps) standards
n
Low power consumption
REcOMMENDED OpERATiNG cONDiTiONS
Parameter
min.
tyP.
max
Unit
note
Operating Temperature
-40
-
85
o
C
-
Storage Temperature
-40
-
85
o
C
-
Data Rate
50
155
200
Mbit/s
-
Lead and Hazardous
Substance Free
ThESE iNDUSTRiAL RATED FibER OpTic
TRANScEivERS ARE iNTEGRATED iN MANy
SiXNET iNDUSTRiAL EThERNET SwiTchES.
ORDERiNG GUiDE
_ - _ _ - _ _
Product line
SL = Slim Line
ET = EtherTrak
Port count
2 thru 18
or more
switch type
ES = Ethernet (unmanaged)
RS = Ring
MS = Managed
MG = Gigabit Managed
RG = Gigabit Ring
fiber Ports
2 = 1 MM up to 4km
3 = 1 SM up to 20km
4 = 2 MM up to 4km
5 = 2 SM up to 20km
6 = 3 MM up to 4km
7 = 3 SM up to 20km
8 = 4 MM up to 4km
9 = 4 SM up to 20km
connector type
SC = SC Duplex
ST = ST Duplex
SL
8 MS
4 SC
Note: This doesn’t apply to all models. Refer to the datasheet of each model for exact ordering information.)
slx
slx = slim line
solutions for your industrial networking challenges
www.sixnet.com
iNDUSTRiAL FAST EThERNET FibER OpTic pORTS
FxFIBER-SC-ST
PRODUCT DATASHEET
pRODUcT hiGhLiGhTS
n
Multimode and singlemode models available
n
Noise immune fiber optic runs up to 120 km
n
Industrial rated for -40 to 85°C operation
n
Available in SC or ST duplex connectors (FC
available special order)
n
Fully compliant with IEEE 802.3u Fast Ethernet
(100 Mbps) standards
n
Low power consumption
REcOMMENDED OpERATiNG cONDiTiONS
Parameter
min.
tyP.
max
Unit
note
Operating Temperature
-40
-
85
o
C
-
Storage Temperature
-40
-
85
o
C
-
Data Rate
50
155
200
Mbit/s
-
Lead and Hazardous
Substance Free
ThESE iNDUSTRiAL RATED FibER OpTic
TRANScEivERS ARE iNTEGRATED iN MANy
SiXNET iNDUSTRiAL EThERNET SwiTchES.
ORDERiNG GUiDE
_ - _ _ - _ _
Product line
SL = Slim Line
ET = EtherTrak
Port count
2 thru 18
or more
switch type
ES = Ethernet (unmanaged)
RS = Ring
MS = Managed
MG = Gigabit Managed
RG = Gigabit Ring
fiber Ports
2 = 1 MM up to 4km
3 = 1 SM up to 20km
4 = 2 MM up to 4km
5 = 2 SM up to 20km
6 = 3 MM up to 4km
7 = 3 SM up to 20km
8 = 4 MM up to 4km
9 = 4 SM up to 20km
connector type
SC = SC Duplex
ST = ST Duplex
SL
8 MS
4 SC
Note: This doesn’t apply to all models. Refer to the datasheet of each model for exact ordering information.)
slx
slx = slim line


Similar Part No. - FXFIBER-SC-ST

ManufacturerPart #DatasheetDescription
logo
SIXNET Technology Park
FXFIBER-SFP SIXNET-FXFIBER-SFP Datasheet
1Mb / 2P
INDUSTRIAL FAST ETHERNET FIBER TRANSCEIVERS
logo
Red Lion Controls. Inc
FXFIBER-SFP REDLION-FXFIBER-SFP Datasheet
902Kb / 2P
Industrial Fast Ethernet Fiber Transceivers
More results

Similar Description - FXFIBER-SC-ST

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
Fiber Optic Transmitter
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
CONEC Elektronische Bau...
17-300050 CONEC-17-300050 Datasheet
125Kb / 1P
IP67 Fiber Optic Industrial Duplex LC Connector
logo
THOR communications
F-4GPS THOR-F-4GPS Datasheet
569Kb / 1P
Industrial 4 Ch GPS Fiber Optic Antenna Extension Kit
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
FIBER-OPTIC SENSORS AND FIBER
2017-09-05
logo
Advantech Co., Ltd.
FOSTCDRI-PH-MC ADVANTECH-FOSTCDRI-PH-MC Datasheet
520Kb / 2P
Heavy Industrial Serial to Fiber Optic Converters
BB-FOSTCDRI ADVANTECH-BB-FOSTCDRI Datasheet
362Kb / 2P
Industrial Serial to Fiber Optic Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com