Electronic Components Datasheet Search
  English  ▼

X  

FXFIBER-SC-ST Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # FXFIBER-SC-ST
Description  Industrial Rated Fiber Optic Transceiverssolutions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

FXFIBER-SC-ST Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  FXFIBER-SC-ST Datasheet HTML 1Page - Red Lion Controls. Inc FXFIBER-SC-ST Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FxFIBER Industrial Fiber Optic Transceiver Specifications
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our award-winning
technology enables companies worldwide to gain real-time data
visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the
company has offices across the Americas, Asia-Pacific and Europe.
For more information, please visit www.redlion.net. Red Lion is a
Spectris company.
w w w .r edlion.net
Connect. Monitor. Control.
ADLD0184 100713 ©2013 Red Lion Controls
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
solutions for your industrial networking challenges
www.sixnet.com
SIXNET Technology Park
331 Ushers Road • Ballston Lake, NY 12019 • USA
1.518.877.5173 • Fax 1.518.877.8346 • sales@sixnet.com
Datasheet FxFIBER-SC-ST
Rev: 10 Aug, 2009
fxfiber-sc-st
iNDUSTRiAL FAST EThERNET FibER OpTic pORTS
All specifications are subject to change. Consult factory for latest info.
TRANSMiTTER OpTicAL chARAcTERiSTicS:
pARAMETER
RATiNG1
MiN.
Typ.
MAX.
UNiT
NOTE
Optical Transmit Power
4km (LED)
20km (FP)
40km (FP)
60km (FP)
80km (DFB)
120km (DFB)
-19
-15
-5
-3
-5
0
-
-
-
-
-2.5
2.5
-14
-7
0
2
0
5
dBm
Average
Extinction Ratio
4km, 20km
40, 60, 80, 120KM
8.2
10
-
-
-
-
dB
P1/P0
Output Center Wavelength
4km, 20km, 40km
80km, 120km
1260
1480
1310
1550
1360
1580
nm
Spectral Width (-20dB)
4km
20km
40km, 60km
80km, 120km
-
-
-
-
-
-
-
-
80
7.7
4
1
nm
Side Mode Suppression Ratio
80km, 120km
30
-
-
dB
Rise/Fall time (10%-90%)
all models
-
-
2
ns
Relative Intensity Noise
-
-
-
-117
dB/Hz
Output Eye
Compliant with Bellcore TR-NWT-000253 and ITU-T G.957/OC-3
REcEivER OpTicAL chARAcTERiSTicS:
Wavelength Operation
all models
1200
-
1600
nm
Sensitivity
4km
20km
40km, 80km
60km
120km
-
-
-
-
-
-
-
-
-
-
-32
-31
-34
-36
-35
dBm
2
Saturation Input Power
all models
-3
-
-
dBm
2
Signal Detect-Asserted
4km
20km
40km, 80km
60km
120km
-
-
-
-
-
-
-
-
-
-
-32
-31
-34
-36
-35
dBm
Signal Detect- Deasserted
all models
-45
-
-
dBm
Signal Detect- Hysteresis
all modela
1
-
6
dB
Notes:
The distance rating is for reference only. The actual transmission distance will depend on the system setup and the
1.
power budget should be used for distance estimation.
Minimum sensitivity and saturation levels measured at 10-10 BER for 223 – 1 PRBS
2.
solutions for your industrial networking challenges
www.sixnet.com
SIXNET Technology Park
331 Ushers Road • Ballston Lake, NY 12019 • USA
1.518.877.5173 • Fax 1.518.877.8346 • sales@sixnet.com
Datasheet FxFIBER-SC-ST
Rev: 10 Aug, 2009
fxfiber-sc-st
iNDUSTRiAL FAST EThERNET FibER OpTic pORTS
All specifications are subject to change. Consult factory for latest info.
TRANSMiTTER OpTicAL chARAcTERiSTicS:
pARAMETER
RATiNG1
MiN.
Typ.
MAX.
UNiT
NOTE
Optical Transmit Power
4km (LED)
20km (FP)
40km (FP)
60km (FP)
80km (DFB)
120km (DFB)
-19
-15
-5
-3
-5
0
-
-
-
-
-2.5
2.5
-14
-7
0
2
0
5
dBm
Average
Extinction Ratio
4km, 20km
40, 60, 80, 120KM
8.2
10
-
-
-
-
dB
P1/P0
Output Center Wavelength
4km, 20km, 40km
80km, 120km
1260
1480
1310
1550
1360
1580
nm
Spectral Width (-20dB)
4km
20km
40km, 60km
80km, 120km
-
-
-
-
-
-
-
-
80
7.7
4
1
nm
Side Mode Suppression Ratio
80km, 120km
30
-
-
dB
Rise/Fall time (10%-90%)
all models
-
-
2
ns
Relative Intensity Noise
-
-
-
-117
dB/Hz
Output Eye
Compliant with Bellcore TR-NWT-000253 and ITU-T G.957/OC-3
REcEivER OpTicAL chARAcTERiSTicS:
Wavelength Operation
all models
1200
-
1600
nm
Sensitivity
4km
20km
40km, 80km
60km
120km
-
-
-
-
-
-
-
-
-
-
-32
-31
-34
-36
-35
dBm
2
Saturation Input Power
all models
-3
-
-
dBm
2
Signal Detect-Asserted
4km
20km
40km, 80km
60km
120km
-
-
-
-
-
-
-
-
-
-
-32
-31
-34
-36
-35
dBm
Signal Detect- Deasserted
all models
-45
-
-
dBm
Signal Detect- Hysteresis
all modela
1
-
6
dB
Notes:
The distance rating is for reference only. The actual transmission distance will depend on the system setup and the
1.
power budget should be used for distance estimation.
Minimum sensitivity and saturation levels measured at 10-10 BER for 223 – 1 PRBS
2.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com