Electronic Components Datasheet Search
  English  ▼

X  

AIC3413 Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC3413
Description  1.2MHz Synchronous Step-Up Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC3413 Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC3413 Datasheet HTML 1Page - Analog Intergrations Corporation AIC3413 Datasheet HTML 2Page - Analog Intergrations Corporation AIC3413 Datasheet HTML 3Page - Analog Intergrations Corporation AIC3413 Datasheet HTML 4Page - Analog Intergrations Corporation AIC3413 Datasheet HTML 5Page - Analog Intergrations Corporation AIC3413 Datasheet HTML 6Page - Analog Intergrations Corporation AIC3413 Datasheet HTML 7Page - Analog Intergrations Corporation AIC3413 Datasheet HTML 8Page - Analog Intergrations Corporation AIC3413 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AIC3413
2
ORDERING INFORMATION
Example: AIC3413GG6TR
Automatic PWM/PSM
in SOT-23-6 Green Package and Tape & Reel
Packing Type
AIC3413AGG6TR
Forced PWM
in SOT-23-6 Green Package and Tape & Reel
Packing Type
PIN CONFIGURATION
AIC3413XXXXXX
PACKING TYPE
TR: TAPE & REEL
BG: BAG
PACKAGE TYPE
G6: SOT-23-6
G: Green Package
Default: Automatic PWM/PSM
A: Forced PWM
Note: Pin1 is determined by orienting
the package marking as shown.
SOT-23-6
TOP VIEW
6
5
4
3
2
1
VIN
VOUT SHDN
SW
GND
FB
AIC3413/3413
ABSOLUTE MAXIMUM RATINGS
Pins Voltage: LX, FB, EN, OUT, VIN
-0.3 V to 6V
Operating Ambient Temperature Range TA
-40
C to 85C
Operating Maximum Junction Temperature TJ
150
C
Storage Temperature Range TSTG
-65
C to 125C
Lead Temperature (Soldering 10 Sec.)
260
C
Thermal Resistance (Junction to Case)
115
C/W
Thermal Resistance (Junction to Ambient)
250
C/W
(Assume no Ambient Airflow, no Heatsink)
Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com