Electronic Components Datasheet Search
  English  ▼

X  

AIC3413 Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC3413
Description  1.2MHz Synchronous Step-Up Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC3413 Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC3413 Datasheet HTML 1Page - Analog Intergrations Corporation AIC3413 Datasheet HTML 2Page - Analog Intergrations Corporation AIC3413 Datasheet HTML 3Page - Analog Intergrations Corporation AIC3413 Datasheet HTML 4Page - Analog Intergrations Corporation AIC3413 Datasheet HTML 5Page - Analog Intergrations Corporation AIC3413 Datasheet HTML 6Page - Analog Intergrations Corporation AIC3413 Datasheet HTML 7Page - Analog Intergrations Corporation AIC3413 Datasheet HTML 8Page - Analog Intergrations Corporation AIC3413 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AIC3413
3
ELECTRICAL CHARACTERISTICS
(Typical application circuit, and the ambient temperature=25
C, V
IN=1.2V, VOUT=3.3V, Unless
otherwise specified) (Note1)
PARAMETER
TEST CONDITION
SYMBOL
MIN
TYP
MAX
UNIT
Output Voltage Range
IOUT=0A
VOUT
2.7
5.25
V
Minimum Start Up Voltage
0.9
1.1
V
Minimum Operation Voltage
Note2
0.5
V
AIC3413 only
IQ0
40
60
μA
Quiescent Current
(VFB>1.23V, Non-Switching)
AIC3413A only
IQ0
250
μA
Shut Down Current
(Oscillator no switching)
SHDN= 0V,
VIN =1.1V
ISD
0.3
1
μA
Feedback Voltage
IOUT=0
VFB
1.17
1.2
1.23
V
FB Input Leakage Current
VFB=1.3V
IFB
1
50
nA
Maximum Duty Cycle
VFB=1.15V
80
88
%
Minimum Duty Cycle
VFB=1.3V
0
%
Frequency
0.95
1.2
1.5
MHz
NMOS Switch Leakage
VSW=5V
0.1
10
μA
PMOS Switch Leakage
VSW=5V, VOUT=0V
0.1
10
μA
NMOS Switch On Resistance
350
m
PMOS Switch On Resistance
450
m
SHDN High Threshold Voltage
0.88
V
SHDN Low Threshold Voltage
0.25
V
SHDN Input Current
SHDN= 5.25V
ISHDN
0.01
1.0
μA
NMOS Current Limit Setting
0.6
0.9
A
Over Temperature Protection
150
C
Over Temperature Hysteresis
25
C
Note 1: Specifications are production tested at T
A
=25°C. Specifications over the -40°C to 85°C operating tem-
perature range are assured by design, characterization and correlation with Statistical Quality Controls (SQC).
Note 2: Once the output is started, the IC is not dependant upon the VIN supply.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com