Electronic Components Datasheet Search
  English  ▼

X  

TDA1564TH Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA1564TH
Description  High efficiency 2 X 25 W/4 stereo car radio power amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1564TH Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA1564TH Datasheet HTML 2Page - NXP Semiconductors TDA1564TH Datasheet HTML 3Page - NXP Semiconductors TDA1564TH Datasheet HTML 4Page - NXP Semiconductors TDA1564TH Datasheet HTML 5Page - NXP Semiconductors TDA1564TH Datasheet HTML 6Page - NXP Semiconductors TDA1564TH Datasheet HTML 7Page - NXP Semiconductors TDA1564TH Datasheet HTML 8Page - NXP Semiconductors TDA1564TH Datasheet HTML 9Page - NXP Semiconductors TDA1564TH Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
2004 Jan 27
6
Philips Semiconductors
Preliminary specification
High efficiency 2
× 25 W/4 Ω
stereo car radio power amplifier
TDA1564
TDA1564TH
VP1
n.c.
CIN
MODE
IN1
−
OUT1
−
IN1
+
OUT1
+
CSE
GND1
DIAG
GND2
IN2
+
OUT2
−
IN2
−
OUT2
+
OC1
OC2
VP2
n.c.
001aaa307
20
19
18
17
16
15
14
13
12
11
9
10
7
8
5
6
3
4
1
2
Fig.3 Pin configuration (TDA1564TH).
handbook, halfpage
TDA1564J
MGW245
IN1
+
IN1
−
CIN
CSE
VP1
MODE
OUT1
−
OUT1
+
GND
OUT2
−
OUT2
+
OC2
VP2
OC1
DIAG
IN2
−
IN2
+
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
Fig.4 Pin configuration (TDA1564J).
FUNCTIONAL DESCRIPTION
The TDA1564 contains two identical amplifiers with
differential inputs. At low output power [up to output
amplitudes of 3 V (RMS) at VP = 14.4 V], the device
operates as a normal SE amplifier. When a larger output
voltage swing is needed, the circuit switches internally to
BTL operation.
With a sine wave input signal, the dissipation of a
conventional BTL amplifier (up to 2 W output power) is
more than twice the dissipation of the TDA1564 (see
Fig.12).
In normal use, when the amplifier is driven with music-like
signals, the high (BTL) output power is only needed for a
small percentage of time. Assuming that a music signal
has a normal (Gaussian) amplitude distribution, the
dissipation of a conventional BTL amplifier with the same
output power is approximately 70 % higher (see Figs 13
and 14.
The heatsink has to be designed for use with music
signals. With such a heatsink, the thermal protection will
disable the BTL mode when the junction temperature
exceeds 150
°C. In this case, the output power is limited to
5 W per amplifier.
The gain of each amplifier is internally fixed at 26 dB. The
device can be switched to the following modes via the
MODE pin:
• Standby with low standby current (< 50 µA)
• Mute condition, DC adjusted
• On, operation.
The device is fully protected against a short-circuit of the
output pins to ground and to the supply voltage. It is also
protected against a short-circuit of the loudspeaker and
against high junction temperatures. In the event of a
permanent short-circuit condition to ground or the supply
voltage, the output stage will be switched off, causing low
dissipation. With a permanent short-circuit of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com