Electronic Components Datasheet Search
  English  ▼

X  

TDA1564TH Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA1564TH
Description  High efficiency 2 X 25 W/4 stereo car radio power amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1564TH Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA1564TH Datasheet HTML 14Page - NXP Semiconductors TDA1564TH Datasheet HTML 15Page - NXP Semiconductors TDA1564TH Datasheet HTML 16Page - NXP Semiconductors TDA1564TH Datasheet HTML 17Page - NXP Semiconductors TDA1564TH Datasheet HTML 18Page - NXP Semiconductors TDA1564TH Datasheet HTML 19Page - NXP Semiconductors TDA1564TH Datasheet HTML 20Page - NXP Semiconductors TDA1564TH Datasheet HTML 21Page - NXP Semiconductors TDA1564TH Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
2004 Jan 27
18
Philips Semiconductors
Preliminary specification
High efficiency 2
× 25 W/4 Ω
stereo car radio power amplifier
TDA1564
Fig.16 Quiescent current as a function of supply
voltage.
VMODE = 5 V; RI = ∞.
handbook, halfpage
0
5
10
20
15
25
150
50
0
100
MGW253
VP (V)
IP
(mA)
handbook, halfpage
0
200
100
150
50
0
1
1
5
MGW254
2
2
3
3
4
VMODE (V)
IP
(mA)
Fig.17 Supply current as a function of VMODE.
VP = 14.4 V
(1) Standby.
(2) Mute.
(3) Operating.
handbook, halfpage
8
40
20
30
10
0
10
18
MGW255
12
14
16
VP (V)
(1)
(2)
(3)
Po
(W)
Fig.18 Output power as a function of supply
voltage.
(1) TDH+N=10%.
(2) TDH+N=2.5 %.
(3) TDH+N=0.5 %.
handbook, halfpage
MGW256
10−1
1
Po (W)
THD
+ N
(%)
10
102
10−2
10−2
10−1
1
10
102
(2)
(3)
(1)
Fig.19 THD + noise as a function of output power.
(1) f = 10 kHz.
(2) f = 1 kHz.
(3) f = 100 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com