Electronic Components Datasheet Search
  English  ▼

X  

THS3202 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS3202
Description  2-GHZ, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3202 Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS3202 Datasheet HTML 2Page - Texas Instruments THS3202 Datasheet HTML 3Page - Texas Instruments THS3202 Datasheet HTML 4Page - Texas Instruments THS3202 Datasheet HTML 5Page - Texas Instruments THS3202 Datasheet HTML 6Page - Texas Instruments THS3202 Datasheet HTML 7Page - Texas Instruments THS3202 Datasheet HTML 8Page - Texas Instruments THS3202 Datasheet HTML 9Page - Texas Instruments THS3202 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
THS3202
SLOS242D − SEPTEMBER 2002 − REVISED JANUARY 2004
www.ti.com
6
ELECTRICAL CHARACTERISTICS continued
VS = 15 V: Rf = 500 Ω, RL = 100 Ω, and G = +2 unless otherwise noted
THS3202
PARAMETER
TEST CONDITIONS
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
25
°C
25
°C
0
°C to
70
°C
−40
°C
to 85
°C
UNITS
MIN/TYP/
MAX
INPUT
Common-mode input range
2.4 to
12.6
2.5 to
12.5
2.5 to
12.5
2.5 to
12.5
V
Min
Common-mode rejection ratio
VCM = 5 V to 10 V
69
60
58
58
dB
Min
Input resistance
Noninverting
780
k
Ω
Typ
Input resistance
Inverting
11
Ω
Typ
Input capacitance
Noninverting
1
pF
Typ
OUTPUT
Voltage output swing
RL = 1 kΩ
1.5 to
13.5
1.6 to
13.4
1.7 to
13.3
1.7 to
13.3
V
Min
Voltage output swing
RL = 100 Ω
1.7 to
13.3
1.8 to
13.2
2.0 to
13.0
2.0 to
13.0
V
Min
Current output, sourcing
RL = 20 Ω
120
105
100
100
mA
Min
Current output, sinking
RL = 20 Ω
115
95
90
90
mA
Min
Closed-loop output impedance
G = +1, f = 1 MHz
0.01
Ω
Typ
POWER SUPPLY
Maximum quiescent current/channel
Per amplifier
15
18
21
21
mA
Max
Power supply rejection (+PSRR)
VS+ = 14.50 V to 15.50 V
69
63
60
60
dB
Min
Power supply rejection (−PSRR)
VS− = −0.5 V to +0.5 V
65
58
55
55
dB
Min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com