Electronic Components Datasheet Search
  English  ▼

X  

THS3202 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # THS3202
Description  2-GHZ, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3202 Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS3202 Datasheet HTML 6Page - Texas Instruments THS3202 Datasheet HTML 7Page - Texas Instruments THS3202 Datasheet HTML 8Page - Texas Instruments THS3202 Datasheet HTML 9Page - Texas Instruments THS3202 Datasheet HTML 10Page - Texas Instruments THS3202 Datasheet HTML 11Page - Texas Instruments THS3202 Datasheet HTML 12Page - Texas Instruments THS3202 Datasheet HTML 13Page - Texas Instruments THS3202 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
THS3202
SLOS242D − SEPTEMBER 2002 − REVISED JANUARY 2004
www.ti.com
10
Figure 19
−100
−90
−80
−70
−60
−50
G = −1
RL = 100 Ω
VCC = 15 V
Rf = 450 Ω
VO = 2VPP
0.1 M
10 M
100 M
1 M
2nd Harmonic
3rd Harmonic
f − Frequency − Hz
HARMONIC DISTORTION
vs
FREQUENCY
−50
−60
−70
−80
−90
−100
Figure 20
−100
−90
−80
−70
−60
G = −1
RL = 500 Ω
VCC = 15 V
Rf = 450 Ω
VO = 2VPP
f − Frequency − Hz
0.1 M
10 M
100 M
1 M
2nd Harmonic
HARMONIC DISTORTION
vs
FREQUENCY
3rd Harmonic
−60
−70
−80
−90
−100
Figure 21
−100
−90
−80
−70
−60
−50
0.1 M
10 M
100 M
1 M
G = 2
RL = 100 Ω
VCC = 15 V
Rf = 500 Ω
VO = 2VPP
f − Frequency − Hz
2nd
Harmonic
HARMONIC DISTORTION
vs
FREQUENCY
3rd
Harmonic
−50
−60
−70
−80
−90
−100
Figure 22
−100
−90
−80
−70
−60
G = 2
RL = 500 Ω
VCC = 15 V
Rf = 536 Ω
VO = 2VPP
f − Frequency − Hz
0.1 M
10 M
100 M
1 M
2nd Harmonic
HARMONIC DISTORTION
vs
FREQUENCY
3rd Harmonic
−60
−70
−80
−90
−100
Figure 23
G = 5
RL = 100 Ω
VCC = 15 V
Rf = 500 Ω
VO = 2VPP
f − Frequency − Hz
0.1 M
10 M
100 M
1 M
2nd Harmonic
HARMONIC DISTORTION
vs
FREQUENCY
3rd Harmonic
−100
−90
−80
−70
−60
−50
Figure 24
G = 5
RL = 500 Ω
VCC = 15 V
Rf = 420 Ω
VO = 2VPP
f − Frequency − Hz
0.1 M
10 M
100 M
1 M
2nd Harmonic
HARMONIC DISTORTION
vs
FREQUENCY
3rd Harmonic
−100
−90
−80
−70
−60
Figure 25
G = −1
RL = 100 Ω
VCC = ±5 V
Rf = 450 Ω
VO = 2VPP
f − Frequency − Hz
10 M
100 M
1 M
2nd Harmonic
HARMONIC DISTORTION
vs
FREQUENCY
3rd Harmonic
−100
−90
−80
−70
−60
−50
Figure 26
G = −1
RL = 500 Ω
VCC = ±5 V
Rf = 450 Ω
VO = 2VPP
f − Frequency − Hz
10 M
100 M
1 M
2nd Harmonic
HARMONIC DISTORTION
vs
FREQUENCY
3rd Harmonic
−100
−90
−80
−70
−60
−50
Figure 27
G = 2
RL = 100 Ω
VCC = ±5 V
Rf = 500 Ω
VO = 2VPP
f − Frequency − Hz
0.1 M
10 M
100 M
1 M
2nd Harmonic
HARMONIC DISTORTION
vs
FREQUENCY
3rd Harmonic
−50
−55
−60
−65
−70
−75
−80
−85
−90
−95
−100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com