Electronic Components Datasheet Search
  English  ▼

X  

THS4501 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # THS4501
Description  WIDEBAND, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4501 Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS4501 Datasheet HTML 7Page - Texas Instruments THS4501 Datasheet HTML 8Page - Texas Instruments THS4501 Datasheet HTML 9Page - Texas Instruments THS4501 Datasheet HTML 10Page - Texas Instruments THS4501 Datasheet HTML 11Page - Texas Instruments THS4501 Datasheet HTML 12Page - Texas Instruments THS4501 Datasheet HTML 13Page - Texas Instruments THS4501 Datasheet HTML 14Page - Texas Instruments THS4501 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
THS4500
THS4501
SLOS350D − APRIL 2002 − REVISED JANUARY 2004
www.ti.com
11
TYPICAL CHARACTERISTICS (
±5 V Graphs)
Figure 19
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
HD2
HD3
HARMONIC DISTORTION
vs
OUTPUT VOLTAGE SWING
VO − Output Voltage Swing − V
Single-Ended Input to
Differential Output
Gain = 2
RL = 800 Ω
Rf = 1 kΩ
f= 30 MHz
VS = ±5 V
Figure 20
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
HD2
HD3
HARMONIC DISTORTION
vs
OUTPUT VOLTAGE SWING
VO − Output Voltage Swing − V
Differentia Input to
Differential Output
Gain = 2
RL = 800 Ω
Rf = 1 kΩ
f= 8 MHz
VS = ±5 V
Figure 21
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
400
800
1200
1600
HD2
HD3
HARMONIC DISTORTION
vs
LOAD RESISTANCE
RL − Load Resistance − Ω
Single-Ended Input to
Differential Output
Gain = 1
VO = 2 VPP
Rf = 392 Ω
f= 30 MHz
VS = ±5 V
Figure 22
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
400
800
1200
1600
HD2
HD3
HARMONIC DISTORTION
vs
LOAD RESISTANCE
RL − Load Resistance − Ω
Differential Input to
Differential Output
Gain = 1
VO = 2 VPP
Rf = 392 Ω
f= 30 MHz
VS = ±5 V
Figure 23
−100
−90
−80
−70
−60
−50
10
100
THIRD-ORDER INTERMODULATION
DISTORTION
vs
FREQUENCY
f − Frequency − MHz
Single-Ended Input to
Differential Output
Gain = 1
RL = 800 Ω
Rf = 392 Ω
VO = 2 VPP
VS = ±5 V
Figure 24
30
35
40
45
50
55
0
20
40
60
80
100
120
f − Frequency − MHz
THIRD-ORDER OUTPUT INTERCEPT
POINT
vs
FREQUENCY
Gain = 1
Rf = 392 Ω
VO = 2 VPP
VS = ± 5 V
Figure 25
0
500
1000
1500
2000
2500
3000
VO − Differential Output Voltage Step − V
SLEW RATE
vs
DIFFERENTIAL OUTPUT VOLTAGE STEP
Gain = 1
RL = 800 Ω
Rf = 392 Ω
VS = ±5 V
0.5 1
1.5
2
2.5
3
3.5
4
4.5
5
0
Figure 26
0
5
10
15
20
t − Time − ns
SETTLING TIME
Gain = 1
RL = 800 Ω
Rf = 499 Ω
f= 1 MHz
VS = ±5 V
Rising Edge
Falling Edge
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
Figure 27
−1.5
−1
−0.5
0
0.5
1
1.5
0
20
40
60
80
100
120
140
t − Time − ns
SETTLING TIME
Gain = 1
RL = 800 Ω
Rf = 499 Ω
f= 1 MHz
VS = ±5 V
Rising Edge
Falling Edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com