Electronic Components Datasheet Search
  English  ▼

X  

THS4501 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # THS4501
Description  WIDEBAND, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4501 Datasheet(HTML) 18 Page - Texas Instruments

Back Button THS4501 Datasheet HTML 14Page - Texas Instruments THS4501 Datasheet HTML 15Page - Texas Instruments THS4501 Datasheet HTML 16Page - Texas Instruments THS4501 Datasheet HTML 17Page - Texas Instruments THS4501 Datasheet HTML 18Page - Texas Instruments THS4501 Datasheet HTML 19Page - Texas Instruments THS4501 Datasheet HTML 20Page - Texas Instruments THS4501 Datasheet HTML 21Page - Texas Instruments THS4501 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
THS4500
THS4501
SLOS350D − APRIL 2002 − REVISED JANUARY 2004
www.ti.com
18
TYPICAL CHARACTERISTICS (5 V Graphs)
Figure 78
1
10
100
0.01
0.1
1
10
100
Vn
In
f − Frequency − kHz
VOLTAGE AND CURRENT NOISE
vs
FREQUENCY
1000
10 k
Figure 79
−10
0
10
20
30
40
50
60
70
80
90
0.1
1
10
100
REJECTION RATIOS
vs
FREQUENCY
f − Frequency − MHz
PSRR+
PSRR−
CMMR
RL = 800 Ω
VS = 5 V
Figure 80
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
REJECTION RATIOS
vs
CASE TEMPERATURE
Case Temperature −
°C
PSRR+
PSRR−
CMMR
RL = 800 Ω
VS = 5 V
0
20
40
60
80
100
120
−70
−60
−50
−40
−30
−20
−10
0
0.1
1
10
100
OUTPUT BALANCE ERROR
vs
FREQUENCY
f − Frequency − MHz
PIN = −20 dBm
RL = 800 Ω
Rf = 499 Ω
VS = 5 V
Figure 81
Figure 82
0
10
20
30
40
50
60
0.01
0.1
1
10
100
1000
−150
−120
−90
−60
−30
0
30
OPEN-LOOP GAIN AND PHASE
vs
FREQUENCY
f − Frequency − MHz
PIN = −30 dBm
RL = 800 Ω
VS = 5 V
Gain
Phase
Figure 83
−40−30−20−100
10 20 30 40 50 60 70 80 90
OPEN-LOOP GAIN
vs
CASE TEMPERATURE
Case Temperature −
°C
RL = 800 Ω
VS = 5 V
46
47
48
49
50
51
52
53
54
55
56
57
Figure 84
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
INPUT BIAS AND OFFSET CURRENT
vs
CASE TEMPERATURE
Case Temperature −
°C
VS = 5 V
IIB−
IIB+
IOS
1.25
1.5
1.75
2
2.25
2.5
2.75
3
3.25
3.5
3.75
−0.1
−0.09
−0.08
−0.07
−0.06
−0.05
−0.04
−0.03
−0.02
−0.01
0
Figure 85
0
5
10
15
20
25
30
35
0 0.5
1
1.5
2
2.5
3
3.5
4 4.5
5
VS − Supply Voltage − ±V
QUIESCENT CURRENT
vs
SUPPLY VOLTAGE
TA = 85°C
TA = 25°C
TA = −40°C
Figure 86
−40 −30−20−10 0 1020304050 60708090
Case Temperature −
°C
INPUT OFFSET VOLTAGE
vs
CASE TEMPERATURE
VS = 5 V
0
0.5
1
1.5
2
2.5
3
3.5
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com