| Electronic Components Datasheet Search |
|
THS4501ID Datasheet(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
THS4501ID Datasheet(HTML) 21 Page - Texas Instruments |
|
21 / 37 page ![]() THS4500 THS4501 SLOS350D − APRIL 2002 − REVISED JANUARY 2004 www.ti.com 21 APPLICATION INFORMATION FULLY DIFFERENTIAL AMPLIFIERS Differential signaling offers a number of performance advantages in high-speed analog signal processing systems, including immunity to external common-mode noise, suppression of even-order nonlinearities, and increased dynamic range. Fully differential amplifiers not only serve as the primary means of providing gain to a differential signal chain, but also provide a monolithic solution for converting single-ended signals into differential signals for easier, higher performance processing. The THS4500 family of amplifiers contains products in Texas Instruments’ expanding line of high-performance fully differential amplifiers. Information on fully differential amplifier fundamentals, as well as implementation specific information, is presented in the applications section of this data sheet to provide a better understanding of the operation of the THS4500 family of devices, and to simplify the design process for designs using these amplifiers. Applications Section D Fully Differential Amplifier Terminal Functions D Input Common-Mode Voltage Range and the THS4500 Family D Choosing the Proper Value for the Feedback and Gain Resistors D Application Circuits Using Fully Differential Amplifiers D Key Design Considerations for Interfacing to an Analog-to-Digital Converter D Setting the Output Common-Mode Voltage With the VOCM Input D Saving Power with Power-Down Functionality D Linearity: Definitions, Terminology, Circuit Techniques, and Design Tradeoffs D An Abbreviated Analysis of Noise in Fully Differential Amplifiers D Printed-Circuit Board Layout Techniques for Optimal Performance D Power Dissipation and Thermal Considerations D Power Supply Decoupling Techniques and Recommendations D Evaluation Fixtures, Spice Models, and Applications Support D Additional Reference Material FULLY DIFFERENTIAL AMPLIFIER TERMINAL FUNCTIONS Fully differential amplifiers are typically packaged in eight-pin packages as shown in the diagram. The device pins include two inputs (VIN+, VIN−), two outputs (VOUT−, VOUT+), two power supplies (VS+, VS−), an output common-mode control pin (VOCM), and an optional power-down pin (PD). V IN− 1 2 3 4 8 7 6 5 V OCM V S+ V OUT+ V IN+ V S− V OUT− PD Fully Differential Amplifier Pin Diagram A standard configuration for the device is shown in the figure. The functionality of a fully differential amplifier can be imagined as two inverting amplifiers that share a common noninverting terminal (though the voltage is not necessarily fixed). For more information on the basic theory of operation for fully differential amplifiers, refer to the Texas Instruments application note titled Fully Differential Amplifiers, literature number SLOA054. INPUT COMMON-MODE VOLTAGE RANGE AND THE THS4500 FAMILY The key difference between the THS4500/1 and the THS4502/3 is the input common-mode range for the two devices. The THS4502 and THS4503 have an input common-mode range that is centered around midrail, and the THS4500 and THS4501 have an input common-mode range that is shifted to include the negative power supply rail. Selection of one or the other is determined by the nature of the application. Specifically, the THS4500 and THS4501 are designed for use in single-supply applications where the input signal is ground-referenced, as depicted in Figure 97. The THS4502 and THS4503 are designed for use in single-supply or split-supply applications where the input signal is centered between the power supply voltages, as depicted in Figure 98. Figure 97 VOCM +VS VS RS Rg1 Rg2 Rf1 Rf2 + − RT − + Application Circuit for the THS4500 and THS4501, Featuring Single-Supply Operation With a Ground-Referenced Input Signal |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |