Electronic Components Datasheet Search
  English  ▼

X  

THS4501ID Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # THS4501ID
Description  WIDEBAND, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4501ID Datasheet(HTML) 28 Page - Texas Instruments

Back Button THS4501ID Datasheet HTML 24Page - Texas Instruments THS4501ID Datasheet HTML 25Page - Texas Instruments THS4501ID Datasheet HTML 26Page - Texas Instruments THS4501ID Datasheet HTML 27Page - Texas Instruments THS4501ID Datasheet HTML 28Page - Texas Instruments THS4501ID Datasheet HTML 29Page - Texas Instruments THS4501ID Datasheet HTML 30Page - Texas Instruments THS4501ID Datasheet HTML 31Page - Texas Instruments THS4501ID Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
THS4500
THS4501
SLOS350D − APRIL 2002 − REVISED JANUARY 2004
www.ti.com
28
As can be seen in the equation, when a higher impedance
is used, the same level of intermodulation distortion
performance results in a lower intercept point. Therefore,
it is important to comprehend the impedance seen by the
output of the fully differential amplifier when selecting a
minimum intercept point. The graphic below shows the
relationship between the strict definition of an intercept
point with a normalized, or equivalent, intercept point for
the THS4502.
Figure 109
40
30
20
15
0
1020
3040
5060
50
55
f − Frequency − MHz
THIRD-ORDER OUTPUT INTERCEPT POINT
vs
FREQUENCY
60
70 80
90 100
45
35
25
Normalized to 200
Ω
Gain = 1
Rf = 392 Ω
VS = ± 5 V
Tone Spacing = 200 kHz
OIP3 RL= 800 Ω
Normalized to 50
Ω
Comparing specifications between different device types
becomes easier when a common impedance level is
assumed. For this reason, the intercept points on the
THS4500 family of devices are reported normalized to a
50-
Ω load impedance.
AN ANALYSIS OF NOISE IN FULLY
DIFFERENTIAL AMPLIFIERS
Noise analysis in fully differential amplifiers is analogous
to noise analysis in single-ended amplifiers. The same
concepts apply. Below, a generic circuit diagram
consisting of a voltage source, a termination resistor, two
gain setting resistors, two feedback resistors, and a fully
differential amplifier is shown, including all the relevant
noise sources. From this circuit, the noise factor (F) and
noise figure (NF) are calculated. The figures indicate the
appropriate scaling factor for each of the noise sources in
two different cases. The first case includes the termination
resistor, and the second, simplified case assumes that the
voltage source is properly terminated by the gain-setting
resistors. With these scaling factors, the amplifier’s input
noise power (NA) can be calculated by summing each
individual noise source with its scaling factor. The noise
delivered to the amplifier by the source (NI) and input noise
power are used to calculate the noise factor and noise
figure as shown in equations 23 through 27.
Figure 110. Noise Sources in a Fully
Differential Amplifier Circuit
Ni
NA
Rg
Rf
eg
ef
es
Rs
en
No
ini
iii
Rt
et
Ni
Si
No
So
+
−
fully-diff
amp
Rg
Rf
egef
Rg
R
f
)
Rg
Rg
)
RsRt
2 Rs)Rt
2
(eni)2
(ini)2
(iii)2
4kTRt
2RsRG
Rs
)2Rg
Rt )
2RsRg
Rs
)2Rg
2
4kTRf
2
Rg
R
f
2
4kTRg
2
Rg
Rg
)
RsRt
2 Rs
)R
t
2
NA: Fully Differential Amplifier
Noise
Source
Scale Factor
(12)
(13)
(14)
(15)
(16)
(17)
Rg2
Rg2
Figure 111. Scaling Factors for Individual Noise
Sources Assuming a Finite Value Termination
Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com