Electronic Components Datasheet Search
  English  ▼

X  

102MC Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # 102MC
Description  Industrial Media Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

102MC Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  102MC Datasheet HTML 1Page - Red Lion Controls. Inc 102MC Datasheet HTML 2Page - Red Lion Controls. Inc 102MC Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
102MC Media Converter
N-Tron Networking Series
Industrial Media Converter
THE INDUSTRIAL NETWORK COMPANY
The N-TRON®102MC is an unmanaged 10/100BaseTX
to 100BaseFX Industrial Media Converter. It is housed
in a hardened, metal, DIN-Rail enclosure, and is
designed for use in industrial data acquisition, control,
and Ethernet I/O applications.
PRODUCT FEATURES
• Compact, space saving footprint
• Full IEEE 802.3 Compliance
• American Bureau of Shipping (ABS)Type Approval
• EN50155 for Railway applications
• Converts 10/100BaseTX to 100BaseFX
• Unmanaged Operation
• Extended Environmental Specifications
• -40ºC to 80ºC Operating Temperature
• >2M Hours MTBF
• RJ-45 Port Supports Full/Half Duplex Operation
• LED Link/Activity Status Indication
• Store-and-forward Technology
• RJ-45 Port Auto Senses Speed and Flow Control
• MDIX Auto Cable Sensing (RJ-45)
• Hardened Metal DIN-Rail Enclosure
• Redundant Power Inputs (10-30 VDC)
• ESD Protection Diodes on RJ-45 Port
• Surge Protection Diodes on Power Inputs
PRODUCT OVERVIEW
The 102MC Industrial Media Converter is designed to
allow the connection of 10/100BaseTX Ethernet devices
to your 100BaseFX fiber cabling infrastructure.
The 102MC provides one RJ-45 auto sensing
10/100BaseTX port and one 100BaseFX port. The
RJ-45 port is full/half duplex capable, using "state of
the art" Ethernet switching technology. The 102MC
auto-negotiates the speed and flow control capabilities
of the TX copper port connection, and configures
itself automatically. The 100BaseFX fiber optic port
utilizes industry standard ST or SC connectors and is
configured for full duplex operation. Both multimode
and singlemode fiber models are available.
Unlike most media converters the 102MC uses
switching technology. This means that 10Mbps devices
can be connected today and upgraded to 100Mbps
devices later. The switching fabric simply scales
up or down automatically to match specific network
environments.
The 102MC supports up to 2,000 MAC addresses,
enabling these products to support extremely
sophisticated and complex network architectures.
The N-TRON 102MC is well suited to convert 10/100
BaseTX industrial devices to fiber, allowing you to take
advantage of the inherent advantages of fiber based
infrastructure. Compared to copper based systems,
fiber provides increased noise immunity and longer
cable lengths.
The 102MC has extended operating environmental
specifications to meet the harsh needs of the industrial
environment. For cost savings and convenience the
media converter can be DIN-Rail mounted alongside
Ethernet I/O or other industrial equipment.
The unique compact size provides a small footprint,
conserving space in the most critical dimension. The
102MC can also be panel mounted if desired.
To increase reliability, the 102MC includes redundant
power inputs. LEDs are provided to display the link
status and activity of each port, as well as power
on/off status.


Similar Part No. - 102MC

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
102MC-FL REDLION-102MC-FL Datasheet
613Kb / 2P
Industrial Media Converter
More results

Similar Description - 102MC

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
SL-2ES REDLION-SL-2ES Datasheet
386Kb / 2P
Industrial Ethernet Media Converter
302MC REDLION-302MC Datasheet
440Kb / 3P
Industrial Media Converter
102MC-FL REDLION-102MC-FL Datasheet
613Kb / 2P
Industrial Media Converter
logo
Level One
IEC-1020 LVL1-IEC-1020 Datasheet
319Kb / 2P
Industrial Media Converter
logo
ORing Industrial Networ...
IMC-V111ET-TB ORING-IMC-V111ET-TB Datasheet
1Mb / 3P
Industrial extended media converter
ISC-1310FR ORING-ISC-1310FR Datasheet
276Kb / 5P
Industrial Serial Media Converter
logo
Weidmuller
1286880000 WEIDMULLER-1286880000 Datasheet
244Kb / 4P
Industrial Fast Ethernet media converter
1286890000 WEIDMULLER-1286890000 Datasheet
243Kb / 4P
Industrial Fast Ethernet media converter
1286900000 WEIDMULLER-1286900000 Datasheet
243Kb / 4P
Industrial Fast Ethernet media converter
logo
Pepperl+Fuchs Inc.
SL-2ES-2SC PF-SL-2ES-2SC Datasheet
190Kb / 1P
Industrial Ethernet Media Converter
2014-04-22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com