Electronic Components Datasheet Search
  English  ▼

X  

102MC Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # 102MC
Description  Industrial Media Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

102MC Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  102MC Datasheet HTML 1Page - Red Lion Controls. Inc 102MC Datasheet HTML 2Page - Red Lion Controls. Inc 102MC Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
102MC Specifications
REV 100324
THE INDUSTRIAL NETWORK COMPANY
BENEFITS
Industrial Media Converter
• Compact Size, Small Footprint
• Converts 10/100BaseTX to 100BaseFX
• High Reliability/Availability
• Extended Environmental Specications
• Hardened Metal DIN-Rail Enclosure
• High Performance
• High MTBF >2M Hours (measured)
• ESD Protection Diodes on RJ-45 Ports
• Surge Protection Diodes on Power Inputs
Ease of Use
• Plug & Play Operation
• RJ-45 Auto Sensing 10/100BaseTX Port
• RJ-45 Port Auto Senses Duplex,
Speed, and Cable Type
• Compact DIN-Rail Package
Increased Performance
• Full Wire Speed Capable
• 100BaseFX Fiber Uplink
• Full Duplex Capable
• Eliminates Network Collisions
• Increases Network Determinism
102MC SPECIFICATIONS
Case Dimensions
Height:
2.9"
(7.4 cm)
Width:
1.5"
(3.9 cm)
Depth
3.6"
(12.3 cm)
Weight:
0.5 lbs. (0.22 kg)
DIN-Rail:
35mm
Electrical
Input Voltage:
10-30 VDC
Input Current:
140mA@24V
BTU/hr:
11.5 @24VDC
Inrush:
8.5Amp/0.7ms@24V
Environmental
Operating Temperature:
-40oC to 80oC
Storage Temperature:
-40oC to 85oC
Operating Humidity:
10% to 95%
(Non Condensing)
Operating Altitude:
0 to 10,000 ft.
Network Media
10BaseT:
>Cat3 Cable
100BaseTX:
>Cat5 Cable
100BaseFX
Multimode:
50-62.5/125μm
Singlemode:
7-10/125μm
Connectors
10/100BaseTX:
One (1) RJ-45 TX Port
100BaseFX:
One (1) ST or SC Duplex Port
Recommended Wiring Clearance
Front:
4" (10.16 cm)
Top:
1" (2.54 cm)
Regulatory Approvals
FCC Title 47 Part 15 Subpart BClass A
ICES-003- Class A
CE: EN61000-6-2,4
EN61000-4-2,3,4,5,6
UL Listed (US and Canada) per ANSI/ISA-12.12.01-2000,
Class I, Div 2, Groups A,B,C,D,T5;
EN55011 Class A
GOST-R Certified
RoHS Compliant
ABS Type Approval for Shipboard Applications
DNV Type Approval Certification
EN50155 for Railway Applications
Designed to comply with:
IEEE 1613 for Electric Utility Substations
NEMA TS1/TS2 for Traffic Control Equipment
® 2010 N-TRON, Corp. N-TRON and the N-TRON logo are trademarks of N-TRON, Corp. Product names mentioned herein are for identification purposes only and
may be trademarks and/or registered trademarks of their respective company. Specifications subject to change without notice. The responsibility for the use and application of
N-TRON products rests with the end user. N-TRON makes no warranties as to the fitness or suitability of any N-TRON product for any specific application. N-TRON Corporation
shall not be liable for any damage resulting from the installation, use, or misuse of this product.
Printed in USA.
Contact Information
N-TRON Corp.
N-TRON Asia
N-TRON Europe GmbH
820 S. University Blvd., Suite 4E
Suite #: 2267, 22/F, One Lujiazui
Alte Steinhauserstr 19
Mobile, AL 36609 USA
68 Yin Cheng Road Center,
6330 Cham / Zg Switzerland
TEL: (251) 342-2164
Pudong New Area
TEL: +41 41 7406636
FAX: (251) 342-6353
200120 Shanghai, P.R. China
FAX: +41 41 7406637
Website: www.N-TRON.com
TEL: +86 (0) 21 6194 6777
Email: N-TRON_info@N-TRON.com
FAX: +86 (0) 21 6194 6699
Fiber Transceiver Characteristics
Fiber Length
2km*
15km**
40km**
80km**
TX Power Min
-19dBm
-15dBm
-5dBm
-5dBm
RX Sensitivity Max
-31dBm
-31dBm
-34dBm
-34dBm
Wavelength
1310nm
1310nm
1310nm
1550nm
* Multimode Fiber Optic Cable
** Singlemode Fiber Optic Cable



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com