Electronic Components Datasheet Search
  English  ▼

X  

TPS65010RGZ Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS65010RGZ
Description  POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65010RGZ Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65010RGZ Datasheet HTML 3Page - Texas Instruments TPS65010RGZ Datasheet HTML 4Page - Texas Instruments TPS65010RGZ Datasheet HTML 5Page - Texas Instruments TPS65010RGZ Datasheet HTML 6Page - Texas Instruments TPS65010RGZ Datasheet HTML 7Page - Texas Instruments TPS65010RGZ Datasheet HTML 8Page - Texas Instruments TPS65010RGZ Datasheet HTML 9Page - Texas Instruments TPS65010RGZ Datasheet HTML 10Page - Texas Instruments TPS65010RGZ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
www.ti.com
(2)
I
(PRECHG) +
KSET
V
(SET_PRECHG)
R
(ISET)
(3)
I
(TAPER) +
KSET
V
(SET_TAPER)
R
(ISET)
(4)
I
(TERM) +
KSET
V
(SET_TERM)
R
(ISET)
TPS65010
SLVS149A – JUNE 2003 – REVISED JANUARY 2004
ELECTRICAL CHARACTERISTICS (continued)
Battery Charger, V
O(REG) + V(DO-MAX) ≤ V(CHG) = V(AC) or V(USB), I(TERM) < IO≤ 1 A, 0°C < TA< 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PRECHARGE CURRENT REGULATION, SHORT-CIRCUIT CURRENT, AND BATTERY DETECTION CURRENT
Precharge to fast-charge transition threshold,
V(LOWV)
V(CHG)min ≥ 4.5V
2.8
3.0
3.2
V
voltage on VBAT pin.
V(CHG)min ≥ 4.5 V, VI(OUT) decreasing
Deglitch time
below threshold; 100-ns fall time,
250
375
500
ms
10-mV overdrive
I(PRECHG)
Precharge current (2)
0
≤ V
I(OUT) < V(LOWV), t < t(PRECHG)
10
100
mA
I(DETECT)
Battery detection current
200
µA
V(SET-PRECHG)
Voltage at ISET pin
0
≤ V
I(OUT) < V(LOWV), t < t(PRECHG)
240
255
270
mV
CHARGE TAPER AND TERMINATION DETECTION
I(TAPER)
Taper current detect range (3)
VI(OUT) > V(RCH), t < t(TAPER)
10
100
mA
V(SET_TAPER)
Voltage at ISET pin for charge TAPER detection
VI(OUT) > V(RCH), t < t(TAPER)
235
250
265
mV
Voltage at ISET pin for charger termination
V(SET_TERM)
VI(OUT) > V(RCH)
11
18
25
mV
detection(4)
V(CHG)min ≥ 4.5V, charging current
increasing or decreasing above and
Deglitch time for I(TAPER)
250
375
500
ms
below; 100-ns fall time, 10-mV
overdrive
V(CHG)min ≥ 4.5 V, charging current
Deglitch time for I(TERM)
decreasing below;100-ns fall time,
250
375
500
ms
10-mV overdrive
TEMPERATURE COMPARATOR
V(LTF)
Low (cold) temperature threshold
2.475
2.50
2.525
V
V(HTF)
High (hot) temperature threshold
0.485
0.5
0.515
V
I(TS)
TS current source
95
102
110
µA
Deglitch time for temperature fault
250
375
500
ms
BATTERY RECHARGE THRESHOLD
VO(REG)
VO(REG)
VO(REG)
V(RCH)
Recharge threshold
V(CHG)min≥ 4.5 V
V
-0.115
-0.1
-0.085
V(CHG)min ≥ 4.5 V, VI(OUT) decreasing
Deglitch time
below threshold; 100 ns fall time,
250
375
500
ms
10 mV overdrive
TIMERS
t(PRECHG)
Precharge timer
V(CHG)min ≥ 4.5 V
1500
1800
2160
sec
t(TAPER)
Taper timer
V(CHG)min≥ 4.5 V
1500
1800
2160
sec
t(CHG)
Charge timer
V(CHG)min≥ 4.5 V
15000
18000
21600
sec
SLEEP AND STANDBY
V(CHG) ≤
V(SLP-ENTRY)
Sleep-mode entry threshold, PG output = high
2.3 V
≤ V
I(OUT) ≤ VO(REG)
VI(OUT)
V
+150 mV
V(CHG) ≥
V(SLP_EXIT)
Sleep-mode exit threshold,PG output = low
2.3 V
≤ V
I(OUT) ≤ VO(REG)
VI(OUT)+19
V
0 mV
AC or USB decreasing below
Deglitch time for sleep mode entry and exit
threshold; 100-ns fall time, 10-mV
200
375
500
ms
overdrive
Delay between valid USB voltage being applied and
t(USB_DEL)
375
ms
start of charging process from USB
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com