Electronic Components Datasheet Search
  English  ▼

X  

TPS75901 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS75901
Description  POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS75901 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS75901 Datasheet HTML 9Page - Texas Instruments TPS75901 Datasheet HTML 10Page - Texas Instruments TPS75901 Datasheet HTML 11Page - Texas Instruments TPS75901 Datasheet HTML 12Page - Texas Instruments TPS75901 Datasheet HTML 13Page - Texas Instruments TPS75901 Datasheet HTML 14Page - Texas Instruments TPS75901 Datasheet HTML 15Page - Texas Instruments TPS75901 Datasheet HTML 16Page - Texas Instruments TPS75901 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
www.ti.com
IN
EN
OUT
+
GND
Co
ESR
RL
VI
To Load
0.01
0
7.5
10
IO − Output Current − A
1
0.1
Region of Stability
0.015
Region of Instability
Co = 680 µF
TJ = 25°C
1.5
3
4.5
6
0.01
0
7.5
10
IO − Output Current − A
1
0.2
Co = 47 µF
TJ = 25°C
Region of Stability
Region of Instability
1.5
3
4.5
6
TPS75901, TPS75915
TPS75918, TPS75925, TPS75933
SLVS318E – DECEMBER 2000 – REVISED MARCH 2004
TYPICAL CHARACTERISTICS (continued)
Figure 18. Test Circuit for Typical Regions of Stability
(See Figure 19 and Figure 20) (Fixed Output Options)
TYPICAL REGION OF STABILITY
TYPICAL REGION OF STABILITY
EQUIVALENT SERIES RESISTANCE(A)
EQUIVALENT SERIES RESISTANCE(A)
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 19.
Figure 20.
A. Equivalent series resistance (ESR) refers to the total series resistance, including the ESR of the capacitor, ay
series resistance added externally, and PWB trace resistance to CO.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com