Electronic Components Datasheet Search
  English  ▼

X  

TPS75901 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS75901
Description  POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS75901 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS75901 Datasheet HTML 17Page - Texas Instruments TPS75901 Datasheet HTML 18Page - Texas Instruments TPS75901 Datasheet HTML 19Page - Texas Instruments TPS75901 Datasheet HTML 20Page - Texas Instruments TPS75901 Datasheet HTML 21Page - Texas Instruments TPS75901 Datasheet HTML 22Page - Texas Instruments TPS75901 Datasheet HTML 23Page - Texas Instruments TPS75901 Datasheet HTML 24Page - Texas Instruments TPS75901 Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
www.ti.com
OUTPUT CAPACITOR
100
47
10
0.01
1000
0.1
ESR − Equivalent Series Resistance −
Ω
Y = ESRmin x Co
Region of Stability
Region of Instability
ESR min x Co = Constant
0.2
TPS75901, TPS75915
TPS75918, TPS75925, TPS75933
SLVS318E – DECEMBER 2000 – REVISED MARCH 2004
APPLICATION INFORMATION (continued)
As with most LDO regulators, the TPS759xx requires an output capacitor connected between OUT and GND to
stabilize the internal control loop. The minimum recommended capacitance value is 47 µF with an ESR
(equivalent series resistance) of at least 200 m
Ω. As shown in Figure 29, most capacitor and ESR combinations
with a product of 47e-6 x 0.2 = 9.4e-6 or larger will be stable, provided the capacitor value is at least 47 µF. Solid
tantalum electrolytic and aluminum electrolytic capacitors are all suitable, provided they meet the requirements
described in this section. Larger capacitors provide a wider range of stability and better load transient response.
This information along with the ESR graphs, Figure 19, Figure 20, and Figure 29, is included to assist in
selection of suitable capacitance for the user's application. When necessary to achieve low height requirements
along with high output current and/or high load capacitance, several higher ESR capacitors can be used in
parallel to meet these guidelines.
Figure 29. Output Capacitance vs Equivalent Series Resistance
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com