Electronic Components Datasheet Search
  English  ▼

X  

TS5V330 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TS5V330
Description  QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5V330 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TS5V330 Datasheet HTML 2Page - Texas Instruments TS5V330 Datasheet HTML 3Page - Texas Instruments TS5V330 Datasheet HTML 4Page - Texas Instruments TS5V330 Datasheet HTML 5Page - Texas Instruments TS5V330 Datasheet HTML 6Page - Texas Instruments TS5V330 Datasheet HTML 7Page - Texas Instruments TS5V330 Datasheet HTML 8Page - Texas Instruments TS5V330 Datasheet HTML 9Page - Texas Instruments TS5V330 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TS5V330
QUAD SPDT WIDEBANDWIDTH VIDEO SWITCH
WITH LOW ONSTATE RESISTANCE
SCDS164A – MAY 2004 − REVISED MAY 2004
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VCC = 5 V ±10%
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
EN, IN
VCC = 4.5 V,
IIN = −18 mA
−1.8
V
Vhys
EN, IN
150
mV
IIH
EN, IN
VCC = 5.5 V,
VIN and VEN = VCC
±1
µA
IIL
EN, IN
VCC = 5.5 V,
VIN and VEN = GND
±1
µA
IOZ‡
VCC = 5.5 V,
VO = 0 to 5.5 V,
VI = 0,
Switch OFF
±1
µA
IOS§
VCC = 5.5 V,
VO = 0.5 VCC,
VI = 0,
Switch ON
50
mA
Ioff
VCC = 0,
VO = 0 to 5.5 V,
VI = 0
1
µA
ICC
VCC = 5.5 V,
II/O = 0,
Switch ON or OFF
3
µA
∆ICC
EN, IN
VCC = 5.5 V,
One input at 3.4 V,
Other inputs at VCC or GND
2.5
mA
ICCD
VCC = 5.5 V,
VEN = GND,
D and S ports open,
VIN input switching 50% duty cycle
0.25
mA/
MHz
CIN
EN, IN
VIN or VEN = 0,
f = 1 MHz
3.5
pF
COFF
D port
VI = 0,
f = 1 MHz,
Outputs open
Switch OFF
6
pF
COFF
S port
VI = 0,
f = 1 MHz,
Outputs open
Switch OFF
4
pF
CON
VI = 0,
f = 1 MHz,
Outputs open
Switch ON
14
pF
ron¶
VCC = 4.5 V
VI = 1 V,
IO = 13 mA,
RL = 75 Ω
3
7
Ω
ron¶
VCC = 4.5 V
VI = 2 V,
IO = 26 mA,
RL = 75 Ω
7
10
Ω
VI, VO, II, and IO refer to I/O pins.
† All typical values are at VCC = 5 V (unless otherwise noted), TA = 25°C.
‡ For I/O ports, IOZ includes the input leakage current.
§ The IOS test is applicable to only one ON channel at a time. The duration of this test is less than one second.
¶ Measured by the voltage drop between the D and S terminals at the indicated current through the switch. ON-state resistance is determined by
the lower of the voltages of the two (D or S) terminals.
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ±10%, RL = 75 Ω, CL = 20 pF (unless otherwise noted) (see Figure 5)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
UNIT
tON
S
D
2.5
6
ns
tOFF
S
D
1.1
6
ns
dynamic characteristics over recommended operating free-air temperature range, VCC = 5 V ±10%
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
DG#
RL = 150 Ω,
f = 3.58 MHz, see Figure 6
0.64
%
DP#
RL = 150 Ω,
f = 3.58 MHz, see Figure 6
0.1
Deg
BW
RL = 150 Ω, see Figure 7
300
MHz
XTALK
RL = 150 Ω,
f = 10 MHz,
RIN = 10 Ω, see Figure 8
−63
dB
OIRR
RL = 150 Ω,
f = 10 MHz, see Figure 9
−60
dB
† All typical values are at VCC = 5 V (unless otherwise noted), TA = 25°C.
# DG and DP are expressed in absolute magnitude.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com