Electronic Components Datasheet Search
  English  ▼

X  

TS5V330 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TS5V330
Description  QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5V330 Datasheet(HTML) 3 Page - Texas Instruments

  TS5V330 Datasheet HTML 1Page - Texas Instruments TS5V330 Datasheet HTML 2Page - Texas Instruments TS5V330 Datasheet HTML 3Page - Texas Instruments TS5V330 Datasheet HTML 4Page - Texas Instruments TS5V330 Datasheet HTML 5Page - Texas Instruments TS5V330 Datasheet HTML 6Page - Texas Instruments TS5V330 Datasheet HTML 7Page - Texas Instruments TS5V330 Datasheet HTML 8Page - Texas Instruments TS5V330 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TS5V330
QUAD SPDT WIDEBANDWIDTH VIDEO SWITCH
WITH LOW ONSTATE RESISTANCE
SCDS164A – MAY 2004 − REVISED MAY 2004
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER DEFINITIONS
PARAMETER
DESCRIPTION
ron
Resistance between the D and S ports, with the switch in the ON state
IOZ
Output leakage current measured at the D and S ports, with the switch in the OFF state
IOS
Short-circuit current measured at the I/O pins
VIN
Voltage at the IN pin
VEN
Voltage at the EN pin
CIN
Capacitance at the control (EN, IN) inputs
COFF
Capacitance at the analog I/O port when the switch is OFF
CON
Capacitance at the analog I/O port when the switch is ON
VIH
Minimum input voltage for logic high for the control (EN, IN) inputs
VIL
Minimum input voltage for logic low for the control (EN, IN) inputs
Vhys
Hysteresis voltage at the control (EN, IN) inputs
VIK
I/O and control (EN, IN) inputs diode clamp voltage
VI
Voltage applied to the D or S pins when D or S is the switch input
VO
Voltage applied to the D or S pins when D or S is the switch output
IIH
Input high leakage current of the control (EN, IN) inputs
IIL
Input low leakage current of the control (EN, IN) inputs
II
Current into the D or S pins when D or S is the switch input
IO
Current into the D or S pins when D or S is the switch output
Ioff
Output leakage current measured at the D or S ports, with VCC = 0
tON
Propagation delay measured between 50% of the digital input to 90% of the analog output when switch is turned ON
tOFF
Propagation delay measured between 50% of the digital input to 90% of the analog output when switch is turned OFF
BW
Frequency response of the switch in the ON state measured at −3 dB
XTALK
Unwanted signal coupled from channel to channel. Measured in −dB. XTALK = 20 log VO/VI. This is a nonadjacent
crosstalk.
OIRR
Off isolation is the resistance (measured in −dB) between the input and output with the switch OFF.
DG
Magnitude variation between analog input and output pins when the switch is ON and the dc offset of composite-video
signal varies at the analog input pin. In the NTSC standard, the frequency of the video signal is 3.58 MHz, and dc offset is
from 0 to 0.714 V.
DP
Phase variation between analog input and output pins when the switch is ON and the dc offset of composite-video signal
varies at the analog input pin. In the NTSC standard, the frequency of the video signal is 3.58 MHz, and dc offset is from 0
to 0.714 V.
ICC
Static power-supply current
ICCD
Variation of ICC for a change in frequency in the control (EN, IN) inputs
∆ICC
This is the increase in supply current for each control input that is at the specified voltage level, rather than VCC or GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com