Electronic Components Datasheet Search
  English  ▼

X  

TPS79133DBVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79133DBVT
Description  ULTRALOW NOISE, HIGH PSRR, FAST RF 100-MA LOW DROPOUT LINEAR REGULATORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79133DBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS79133DBVT Datasheet HTML 4Page - Texas Instruments TPS79133DBVT Datasheet HTML 5Page - Texas Instruments TPS79133DBVT Datasheet HTML 6Page - Texas Instruments TPS79133DBVT Datasheet HTML 7Page - Texas Instruments TPS79133DBVT Datasheet HTML 8Page - Texas Instruments TPS79133DBVT Datasheet HTML 9Page - Texas Instruments TPS79133DBVT Datasheet HTML 10Page - Texas Instruments TPS79133DBVT Datasheet HTML 11Page - Texas Instruments TPS79133DBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TPS79101, TPS79118
TPS79133,TPS79147
SLVS325C − MARCH 2001 − REVISED MAY 2002
www.ti.com
8
TYPICAL CHARACTERISTICS
Figure 19
0
10
20
30
40
50
60
70
80
90
100
1 k
10 k
100 k
1 M
10 M
f − Frequency − Hz
TPS79118
RIPPLE REJECTION
vs
FREQUENCY
VI = 2.8 V
Co = 1 µF
C(byp) = 0.01 µF
IO = 100 mA
IO = 10 mA
Figure 20
0
10
20
30
40
50
60
70
80
90
100
1 k
10 k
100 k
1 M
10 M
f − Frequency − Hz
TPS79118
RIPPLE REJECTION
vs
FREQUENCY
VI = 2.8 V
Co = 1 µF
C(byp) = 0.1 µF
IO = 100 mA
IO = 10 mA
Figure 21
60
50
30
20
10
100
1 k
10 k
70
90
100
100 k
1 M
10 M
40
80
f − Frequency − Hz
TPS79133
RIPPLE REJECTION
vs
FREQUENCY
VI = 4.3 V
Co = 10 µF
C(byp) = 0.01 µF
IO = 10 mA
IO = 100 mA
Figure 22
60
50
30
20
10
100
1 k
10 k
70
90
100
100 k
1 M
10 M
40
80
f − Frequency − Hz
TPS79133
RIPPLE REJECTION
vs
FREQUENCY
VI = 4.3 V
CO = 1 µF
C(byp) = 0.01 µF
IO = 10 mA
IO = 100 mA
Figure 23
TPS79133
RIPPLE REJECTION
vs
FREQUENCY
VI = 4.3 V
Co = 1 µF
C(byp) = 0.1 µF
IO = 10 mA
IO = 100 mA
60
50
30
20
10
100
1 k
10 k
70
90
100
100 k
1 M
10 M
40
80
f − Frequency − Hz
Figure 24
3
TPS79133
OUTPUT VOLTAGE, ENABLE VOLTAGE
vs
TIME (START-UP)
t − Time −
µs
060
40
20
80 100
140
120
160 180 200
VI = 4.3 V
VO = 3.3 V
IO = 100 mA
Co = 1 µF
TJ = 25°C
1
2
0
0
2
C(byp) = 0.001 µF
C(byp) = 0.01 µF
1
3
C(byp) = 0.0047 µF
Figure 25
3.8
TPS79118
LINE TRANSIENT RESPONSE
t − Time −
µs
030
20
10
40 50
70
60
80 90 100
2.8
10
0
−10
IO = 100 mA
Co = 1 µF
C(byp) = 0.01 µF
Figure 26
12 k
600 800
t − Time −
µs
TPS79118
LOAD TRANSIENT RESPONSE
−20
100
0
400
200
1 k
14 k 16 k 18 k 2 k
20
VI = 2.8 V
Co = 10 µF
0
0
−40
Figure 27
20
TPS79133
LINE TRANSIENT RESPONSE
t − Time −
µs
015
10
520
25
35
30
40
45 50
IO = 100 mA
Co = 1 µF
C(byp) = 0.01 µF
0
5.3
4.3
−20
dv
dt
+
0.4 V
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com