Electronic Components Datasheet Search
  English  ▼

X  

TPS79133DBVT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79133DBVT
Description  ULTRALOW NOISE, HIGH PSRR, FAST RF 100-MA LOW DROPOUT LINEAR REGULATORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79133DBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS79133DBVT Datasheet HTML 7Page - Texas Instruments TPS79133DBVT Datasheet HTML 8Page - Texas Instruments TPS79133DBVT Datasheet HTML 9Page - Texas Instruments TPS79133DBVT Datasheet HTML 10Page - Texas Instruments TPS79133DBVT Datasheet HTML 11Page - Texas Instruments TPS79133DBVT Datasheet HTML 12Page - Texas Instruments TPS79133DBVT Datasheet HTML 13Page - Texas Instruments TPS79133DBVT Datasheet HTML 14Page - Texas Instruments TPS79133DBVT Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
TPS79101, TPS79118
TPS79133,TPS79147
SLVS325C − MARCH 2001 − REVISED MAY 2002
www.ti.com
14
MECHANICAL DATA
DBV (R-PDSO-G6)
PLASTIC SMALL-OUTLINE
0,10
M
0,20
0,95
0
°−8°
0,25
0,55
0,35
Gage Plane
0,15 NOM
4073253-5/F 10/00
2,60
3,00
0,50
0,25
1,50
1,70
4
6
3
1
2,80
3,00
1,45
0,95
0,05 MIN
Seating Plane
6X
NOTES:A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion.
D. Leads 1, 2, 3 are wider than leads 4, 5, 6 for package orientation.
E. Pin 1 is located below the first letter of the top side symbolization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com