Electronic Components Datasheet Search
  English  ▼

X  

NCT375 Datasheet(PDF) 13 Page - ON Semiconductor

Part # NCT375
Description  Industry Standard Digital Temperature Sensor with 2?릛ire Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCT375 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NCT375 Datasheet HTML 8Page - ON Semiconductor NCT375 Datasheet HTML 9Page - ON Semiconductor NCT375 Datasheet HTML 10Page - ON Semiconductor NCT375 Datasheet HTML 11Page - ON Semiconductor NCT375 Datasheet HTML 12Page - ON Semiconductor NCT375 Datasheet HTML 13Page - ON Semiconductor NCT375 Datasheet HTML 14Page - ON Semiconductor NCT375 Datasheet HTML 15Page - ON Semiconductor NCT375 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
NCT375
www.onsemi.com
13
82°C
Figure 11. OS/ALERT Output Temperature Response Diagram
TOS
THYST
81°C
80°C
79°C
78°C
77°C
76°C
75°C
74°C
73°C
72°C
OS/ALERT PIN
(COMPARATOR MODE)
POLARITY = 0
OS/ALERT PIN
(INTERRUPT MODE)
POLARITY = 0
OS/ALERT PIN
(COMPARATOR MODE)
POLARITY = 1
OS/ALERT PIN
(INTERRUPT MODE)
POLARITY = 1
Table 15. ORDERING INFORMATION
Model Number
Temperature Range
Temperature Accuracy
Package Description
Package Option†
NCT375DMR2G
−55°C to +125°C
±1°C
Micro8
(Pb−Free)
3,000 / Tape & Reel
NCT375DR2G
−55°C to +125°C
±1°C
SOIC−8
(Pb−Free)
2,500 / Tape & Reel
NCT375MNR2G
−55°C to +125°C
±1°C
DFN8
(Pb−Free)
3,000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com