Electronic Components Datasheet Search
  English  ▼

X  

NCT375 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCT375
Description  Industry Standard Digital Temperature Sensor with 2?릛ire Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCT375 Datasheet(HTML) 3 Page - ON Semiconductor

  NCT375 Datasheet HTML 1Page - ON Semiconductor NCT375 Datasheet HTML 2Page - ON Semiconductor NCT375 Datasheet HTML 3Page - ON Semiconductor NCT375 Datasheet HTML 4Page - ON Semiconductor NCT375 Datasheet HTML 5Page - ON Semiconductor NCT375 Datasheet HTML 6Page - ON Semiconductor NCT375 Datasheet HTML 7Page - ON Semiconductor NCT375 Datasheet HTML 8Page - ON Semiconductor NCT375 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
NCT375
www.onsemi.com
3
Table 2. ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage
VDD
−0.3 to +7
V
Input Voltage on SCL, SDA, A2, A1, A0 and OS/ALERT.
−0.3 to VDD + 0.3
V
Input Current on SDA, A2, A1, A0 and OS/ALERT.
IIN
−1 to +50
mA
Maximum Junction Temperature
TJ(max)
150.7
°C
Operating Temperature Range
TOP
−55 to 125
°C
Storage Temperature Range
TSTG
−65 to 160
°C
ESD Capability, Human Body Model (Note 1)
ESDHBM
2,000
V
ESD Capability, Machine Model (Note 1)
ESDMM
400
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115)
Table 3. OPERATING RANGES
Rating
Symbol
Min
Max
Unit
Operating Supply Voltage
VIN
3.0
5.5
V
Operating Ambient Temperature Range
TA
−55
125
°C
Table 4. SMBus TIMING SPECIFICATIONS
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Serial Clock Frequency
fSCL
DC
−
400
kHz
Start Condition Hold Time
tHD:STA
0.6
−
−
ms
Stop Condition Setup Time
tSU:STO
90% of SCL to 10% of SDA
100
−
−
ns
Clock Low Period
tLOW
1.3
−
−
ms
Clock High Period
tHIGH
0.6
−
−
ms
Start Condition Setup Time
tSU:STA
90% of SCL to 90% of SDA
100
−
−
ns
Data Setup Time
tSU:DAT
10% of SDA to 10% of SCL
100
−
−
ns
Data Hold Time (Note 2)
tHD:DAT
10% of SCL to 10% of SDA
0
−
76
ns
SDA/SCL Rise Time
tR
−
300
−
ns
SDA/SCL Fall Time
tF
−
300
−
ns
Minimum RESET Pulse Width
tRESET
1.3
−
−
ms
Bus Free Time Between STOP & START Conditions
tBUF
1.3
−
−
ms
SDA Time Low for Reset of Serial Interface
tTIMEOUT
75
−
325
ms
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
2. This refers to the hold time when the NCT375 is writing data to the bus.
SCL
SDA
STOP START
STOP
START
Figure 3. Serial Interface Timing
tBUF
tSU;STA
tHD;STA
tSU;STO
tSU;DAT
tHD;DAT
tHD;STA
tF
tR
tHIGH
tLOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com