Electronic Components Datasheet Search
  English  ▼

X  

TC75S59 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # TC75S59
Description  General-Purpose Linear ICs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TC75S59 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button TC75S59 Datasheet HTML 20Page - List of Unclassifed Manufacturers TC75S59 Datasheet HTML 21Page - List of Unclassifed Manufacturers TC75S59 Datasheet HTML 22Page - List of Unclassifed Manufacturers TC75S59 Datasheet HTML 23Page - List of Unclassifed Manufacturers TC75S59 Datasheet HTML 24Page - List of Unclassifed Manufacturers TC75S59 Datasheet HTML 25Page - List of Unclassifed Manufacturers TC75S59 Datasheet HTML 26Page - List of Unclassifed Manufacturers TC75S59 Datasheet HTML 27Page - List of Unclassifed Manufacturers TC75S59 Datasheet HTML 28Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
142
Small-Signal MMICs (High-Frequency Cell-pack)
Wide Band Amplifiers
Part Number
Package
Structure
Applications
Electrical Characteristics (Ta
= 25°C)
TA4000F
SM6
Bipolar linear wideband amp
BS tuners, communications equipment,
VHF/UHF amps
B/W = 1.3 GHz
Gp = 15dB @f = 400 MHz, VCC = 5 V
TA4001F
SMQ
Bipolar linear wideband amp
BS tuners, communications equipment,
VHF/UHF amps
B/W = 2.4 GHz
Gp = 12.5dB @f = 500 MHz, VCC = 5 V
TA4002F
SMQ
Bipolar linear wideband amp
BS tuners, communications equipment,
VHF/UHF amps
B/W = 1.3 GHz
Gp = 23dB @f = 500 MHz, VCC = 5 V
TA4004F
SMV
Bipolar linear wideband amp
Communications equipment,
VHF/UHF amps
B/W = 1.2 GHz
Gp = 10.5dB @f = 500 MHz, VCC = 2 V
TA4011AFE
ESV
Bipolar linear wideband amp
Communications equipment, UHF amp
B/W = 2.4 GHz,
P01dB = −6dBmW @VCC = 2 V
TA4011FU
USV
Bipolar linear wideband amp
Communications equipment, UHF amp
B/W = 2.4 GHz,
P01dB = −6dBmW @VCC = 2 V
TA4012AFE
ESV
Bipolar linear wideband amp
Communications equipment, UHF amp
B/W = 2.0 GHz,
P01dB
= 0dBmW @VCC = 2 V
TA4012FU
USV
Bipolar linear wideband amp
Communications equipment, UHF amp
B/W = 2.0 GHz,
P01dB = 0dBmW @VCC = 2 V
TA4016AFE
ES6
Bipolar linear wideband amp
Communications equipment, UHF amp
B/W = 3.2 GHz
Gp = 19dB @f = 1.5 GHz, VCC = 2 V
TA4017FT
TU6
Bipolar differential amp
CATV, IF amp
|S21|
2
= 13dB, P01dB = 2dBmW @VCC = 5 V,
f = 45 MHz
TA4018F
SM8
Bipolar differential gain control amp
CATV, IF variable amp
|S21|
2
= 11dB, GR = 37dB @VCC = 5 V,
f = 45 MHz
TA4019F
SM8
Bipolar differential amp
CATV, IF amp
|S21|
2
= 30dB, IM3 = 53dB @VCC = 5 V,
f = 45 MHz, Pin = −35dBmW
Frequency Converters
Part Number
Package
Structure
Applications
Electrical Characteristics (Ta
= 25°C)
TA4107F
SM8
Bipolar linear down converter
CATV analog digital tuner
C・Gain = −0.5dB, IIP3 = 12dBmW @fRF = 1 GHz,
fLO
= 950 MHz, VCC = 4.5 V
TA4303F
SSOP-20
Bipolar linear down converter, Si-MMIC
BS tuner OSC + DBC + IF
C・Gain = 18dB/1.6 GHz,
IP3 = 17dBmW VCC = 5 V, ICC = 74 mA
High-Frequency Oscillators (VCO, TCXO)
Part Number
Package
Structure
Applications
Electrical Characteristics (Ta
= 25°C)
TA4014FT
TU6
Bipolar linear OSC & buffer
TCXO
VCXO
TA4014FE
ES6
Bipolar linear OSC & buffer
TCXO
VCXO
TA4014FC
CS6
Bipolar linear OSC & buffer
TCXO
VCXO
ICC = 1.2 mA @VCC = 3.0 V
VOSC
= 1.2 Vp-p (reference value)
TA4015FT
TU6
Bipolar linear OSC & buffer
TCXO
VCXO
TA4015FE
ES6
Bipolar linear OSC & buffer
TCXO
VCXO
ICC = 1.3 mA @VCC = 3.0 V
VOSC
= 1.2 Vp-p (reference value)
*
TA4203F
QS16
Bipolar linear OSC & buffer & SW
GSM/DCS VCO
ICC
= 40 mA @VCC = 2.7 V
PO = +10dBmW
*
TA4205FC
CS6
Bipolar linear OSC & buffer
VCO
ICC = 8 mA @VCC = 2.7 V
VOSC
= 0.63 Vp-p (reference value)
*: New product



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com