Electronic Components Datasheet Search
  English  ▼

X  

TC75S59 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # TC75S59
Description  General-Purpose Linear ICs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TC75S59 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button TC75S59 Datasheet HTML 14Page - List of Unclassifed Manufacturers TC75S59 Datasheet HTML 15Page - List of Unclassifed Manufacturers TC75S59 Datasheet HTML 16Page - List of Unclassifed Manufacturers TC75S59 Datasheet HTML 17Page - List of Unclassifed Manufacturers TC75S59 Datasheet HTML 18Page - List of Unclassifed Manufacturers TC75S59 Datasheet HTML 19Page - List of Unclassifed Manufacturers TC75S59 Datasheet HTML 20Page - List of Unclassifed Manufacturers TC75S59 Datasheet HTML 21Page - List of Unclassifed Manufacturers TC75S59 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
134
Power Supply ICs
Point Regulators (LDO Regulators)
Point regulators are small regulator ICs which can be individually assigned to circuit blocks as necessary. These devices incorporate an ON/OFF control function,
which facilitates power management.
< Features >
• Small package
• Built-in ON/OFF control function
• Low saturation voltage
• Built-in overtemperature and overcurrent protection circuits
• Low noise
• Capable to use a ceramic capacitor
• High ripple rejection
< Low-Dropout Voltage Regulator Series >
(Single Output Type)
Part Number
Rating
2.0
UFV
2.9
SMV
2.9
SMV
Output Voltage
(V)
(mm)
(mm)
(mm)
Output Current
(mA)
Power Dissipation
♦
(mW)
1.5
TAR5S15U
TAR5S15
TAR5SB15
1.6
TAR5S16U
TAR5S16
TAR5SB16
1.7
TAR5S17U
TAR5S17
TAR5SB17
1.8
TAR5S18U
TAR5S18
TAR5SB18
1.9
TAR5S19U
TAR5S19
TAR5SB19
2.0
TAR5S20U
TAR5S20
TAR5SB20
2.1
TAR5S21U
TAR5S21
TAR5SB21
2.2
TAR5S22U
TAR5S22
TAR5SB22
2.3
TAR5S23U
TAR5S23
TAR5SB23
2.4
TAR5S24U
TAR5S24
TAR5SB24
2.5
TAR5S25U
TAR5S25
TAR5SB25
2.6
TAR5S26U
TAR5S26
TAR5SB26
2.7
TAR5S27U
TAR5S27
TAR5SB27
2.8
TAR5S28U
TAR5S28
TAR5SB28
2.9
TAR5S29U
TAR5S29
TAR5SB29
3.0
TAR5S30U
TAR5S30
TAR5SB30
3.1
TAR5S31U
TAR5S31
TAR5SB31
3.2
TAR5S32U
TAR5S32
TAR5SB32
3.3
TAR5S33U
TAR5S33
TAR5SB33
3.4
TAR5S34U
TAR5S34
TAR5SB34
3.5
TAR5S35U
TAR5S35
TAR5SB35
3.6
TAR5S36U
TAR5S36
TAR5SB36
3.7
TAR5S37U
TAR5S37
TAR5SB37
3.8
TAR5S38U
TAR5S38
TAR5SB38
3.9
TAR5S39U
TAR5S39
TAR5SB39
4.0
TAR5S40U
TAR5S40
TAR5SB40
4.1
TAR5S41U
TAR5S41
TAR5SB41
4.2
TAR5S42U
TAR5S42
TAR5SB42
4.3
TAR5S43U
TAR5S43
TAR5SB43
4.4
TAR5S44U
TAR5S44
TAR5SB44
4.5
TAR5S45U
TAR5S45
TAR5SB45
4.6
TAR5S46U
TAR5S46
TAR5SB46
4.7
TAR5S47U
TAR5S47
TAR5SB47
4.8
TAR5S48U
TAR5S48
TAR5SB48
4.9
TAR5S49U
TAR5S49
TAR5SB49
5.0
TAR5S50U
TAR5S50
TAR5SB50
200
450
(UFV)
380
(SMV)
Pin Configuration
IN
OUT
CONTROL GND NOISE
OUT
NOISE
IN GND CONTROL
♦: A result of an evaluation on a glass-epoxy board. (30 mm × 30 mm), Ta = 25°C
Please ask your local retailer about the devices with other output voltage.
Single output power supply
TAR5S series
TAR5SB series
TAR5S**U series
Dual output power supply
TAR8H series
TAR8D series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com