Electronic Components Datasheet Search
  English  ▼

X  

MPW2000 Datasheet(PDF) 5 Page - Minmax Technology Co., Ltd.

Part # MPW2000
Description  DC/DC CONVERTER 30W, Single & Dual Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MPW2000 Datasheet(HTML) 5 Page - Minmax Technology Co., Ltd.

  MPW2000_15 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MPW2000_15 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MPW2000_15 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MPW2000_15 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MPW2000_15 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MPW2000_15 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MPW2000_15 Datasheet HTML 7Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MPW2000 SERIES
DC/DC CONVERTER 30W, Single & Dual Output
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/07/31 REV:8
Page 5 of 7
®
Order Code Table
Standard
With heatsink
MPW2031
MPW2031H
MPW2032
MPW2032H
MPW2033
MPW2033H
MPW2034
MPW2034H
MPW2036
MPW2036H
MPW2037
MPW2037H
MPW2041
MPW2041H
MPW2042
MPW2042H
MPW2043
MPW2043H
MPW2044
MPW2044H
MPW2046
MPW2046H
MPW2047
MPW2047H



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com